Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 1 Page - Analog Devices

  AD9681 Datasheet HTML 1Page - Analog Devices AD9681 Datasheet HTML 2Page - Analog Devices AD9681 Datasheet HTML 3Page - Analog Devices AD9681 Datasheet HTML 4Page - Analog Devices AD9681 Datasheet HTML 5Page - Analog Devices AD9681 Datasheet HTML 6Page - Analog Devices AD9681 Datasheet HTML 7Page - Analog Devices AD9681 Datasheet HTML 8Page - Analog Devices AD9681 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Octal, 14-Bit, 125 MSPS, Serial LVDS,
1.8 V Analog-to-Digital Converter
Data Sheet
AD9681
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low power
8 ADC channels integrated into 1 package
110 mW per channel at 125 MSPS with scalable power
options
SNR: 74 dBFS (to Nyquist); SFDR: 90 dBc (to Nyquist)
DNL: ±0.8 LSB (typical); INL: ±1.2 LSB (typical)
Crosstalk, worst adjacent channel, 70 MHz, −1 dBFS: −83 dB
typical
Serial LVDS (ANSI-644, default)
Low power, reduced signal option (similar to IEEE 1596.3)
Data and frame clock outputs
650 MHz full power analog bandwidth
2 V p-p input voltage range
1.8 V supply operation
Serial port control
Flexible bit orientation
Built-in and custom digital test pattern generation
Programmable clock and data alignment
Power-down and standby modes
APPLICATIONS
Medical imaging
Communications receivers
Multichannel data acquisition
GENERAL DESCRIPTION
The AD9681 is an octal, 14-bit, 125 MSPS analog-to-digital
converter (ADC) with an on-chip sample-and-hold circuit that
is designed for low cost, low power, small size, and ease of use.
The device operates at a conversion rate of up to 125 MSPS and
is optimized for outstanding dynamic performance and low
power in applications where a small package size is critical.
The ADC requires a single 1.8 V power supply and an LVPECL-/
CMOS-/LVDS-compatible sample rate clock for full performance
operation. No external reference or driver components are
required for many applications.
The AD9681 automatically multiplies the sample rate clock for
the appropriate LVDS serial data rate. Data clock outputs (DCO±1,
DCO±2) for capturing data on the output and frame clock outputs
(FCO±1, FCO±2) for signaling a new output byte are provided.
Individual channel power-down is supported, and the device
typically consumes less than 2 mW when all channels are disabled.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–A1
VIN+A1
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–A2
VIN+A2
FCO–1, FCO–2
FCO+1, FCO+2
DCO–1, DCO–2
DCO+1, DCO+2
D1–D2
D1+D2
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–D1
VIN+D1
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–D2
VIN+D2
AVDD
PDWN
DRVDD
SENSE
GND
VREF
REF
SELECT
1V
VCM1, VCM2
CLOCK
MANAGEMENT
SERIAL PORT
INTERFACE
AD9681
SERIAL
LVDS
D0–D1
D0+D1
SERIAL
LVDS
D1–D1
D1+D1
SERIAL
LVDS
D0–D2
D0+D2
SERIAL
LVDS
SERIAL
LVDS
D0–A1
D0+A1
SERIAL
LVDS
D1–A1
D1+A1
SERIAL
LVDS
D0–A2
D0+A2
SERIAL
LVDS
D1–A2
D1+A2
Figure 1.
The ADC contains several features designed to maximize flexibility
and minimize system cost, such as programmable clock and data
alignment and programmable digital test pattern generation. The
available digital test patterns include built-in deterministic and
pseudorandom patterns, along with custom user-defined test
patterns entered via the serial port interface (SPI).
The AD9681 is available in an RoHS-compliant, 144-ball CSP-
BGA. It is specified over the industrial temperature range of −40°C
to +85°C. This product is protected by a U.S. patent.
PRODUCT HIGHLIGHTS
1.
Small Footprint. Eight ADCs are contained in a small,
10 mm × 10 mm package.
2.
Low Power. The device dissipates 110 mW per channel at
125 MSPS with scalable power options.
3.
Ease of Use. Data clock outputs (DCO±1, DCO±2) operate
at frequencies of up to 500 MHz and support double data
rate (DDR) operation.
4.
User Flexibility. SPI control offers a wide range of flexible
features to meet specific system requirements.


Similar Part No. - AD9681

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9681 AD-AD9681 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. C
AD9681-125EBZ AD-AD9681-125EBZ Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. C
AD9681BBCZ-125 AD-AD9681BBCZ-125 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. C
AD9681BBCZRL7-125 AD-AD9681BBCZRL7-125 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. C
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. C
More results

Similar Description - AD9681

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9252 AD-AD9252 Datasheet
2Mb / 52P
Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
10/06-Revision 0
AD9246 AD-AD9246 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
8/06-Rev. 0 to Rev. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9655 AD-AD9655 Datasheet
1Mb / 37P
Dual, 16-Bit, 125 MSPS Serial LVDS,1.8 V Analog-to-Digital Converter
REV. 0
AD9635 AD-AD9635 Datasheet
950Kb / 36P
Dual, 12-Bit, 80 MSPS/125 MSPS, Serial LVDS 1.8 V Analog-to-Digital Converter
REV. B
AD9655 AD-AD9655_17 Datasheet
1Mb / 38P
Dual, 16-Bit, 125 MSPS Serial LVDS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com