Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9681 Datasheet HTML 19Page - Analog Devices AD9681 Datasheet HTML 20Page - Analog Devices AD9681 Datasheet HTML 21Page - Analog Devices AD9681 Datasheet HTML 22Page - Analog Devices AD9681 Datasheet HTML 23Page - Analog Devices AD9681 Datasheet HTML 24Page - Analog Devices AD9681 Datasheet HTML 25Page - Analog Devices AD9681 Datasheet HTML 26Page - Analog Devices AD9681 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
AD9681
Rev. A | Page 23 of 40
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of the
clock input. The degradation in SNR at a given input frequency
(fA) that is due only to aperture jitter (tJ) is expressed by
SNR Degradation = 20 log10
J
A
t
f
2
1
In this equation, the rms aperture jitter represents the root sum
square of all jitter sources, including the clock input, analog input
signal, and ADC aperture jitter specifications. IF undersampling
applications are particularly sensitive to jitter (see Figure 47).
1
10
100
1000
16 BITS
14 BITS
12 BITS
30
40
50
60
70
80
90
100
110
120
130
0.125ps
0.25ps
0.5ps
1.0ps
2.0ps
ANALOG INPUT FREQUENCY (MHz)
10 BITS
8 BITS
RMS CLOCK JITTER REQUIREMENT
Figure 47. Ideal SNR vs. Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter may affect the dynamic range of the AD9681. Separate the
clock driver power supplies from the ADC output driver supplies
to avoid modulating the clock signal with digital noise. Low jitter,
crystal controlled oscillators are excellent clock sources. If another
type of source generates the clock (by gating, dividing, or another
method), ensure that it is retimed by the original clock at the
last step.
See the AN-501 Application Note, Aperture Uncertainty and
ADC System Performance, and the AN-756 Application Note,
Sampled Systems and the Effects of Clock Phase Noise and Jitter,
for more in depth information about jitter performance as it
relates to ADCs.
POWER DISSIPATION AND POWER-DOWN MODE
As shown in Figure 48, the power dissipated by the AD9681 is
proportional to its sample rate and can be set to one of several
power saving modes using Register 0x100, Bits[2:0].
0.9
0.8
0.7
0.6
0.5
0.4
0.3
10
130
SAMPLE RATE (MSPS)
30
50
70
90
110
50MSPS
SETTING
80MSPS
SETTING
125MSPS
SETTING
40MSPS
SETTING
20MSPS
SETTING
65MSPS
SETTING
105MSPS
SETTING
Figure 48. Total Power vs. fSAMPLE for fIN = 9.7 MHz
The AD9681 is placed in power-down mode either by the SPI
port or by asserting the PDWN pin high. In this state, the ADC
typically dissipates 2 mW. During power-down, the output drivers
are placed in a high impedance state. Asserting the PDWN pin
low returns the AD9681 to its normal operating mode. Note
that PDWN is referenced to the digital output driver supply
(DRVDD) and should not exceed that supply voltage.
Low power dissipation in power-down mode is achieved by
shutting down the reference, reference buffer, biasing networks,
and clock. The internal capacitors are discharged when the
device enters power-down mode and then must be recharged
when returning to normal operation. As a result, wake-up time
is related to the time spent in power-down mode, and shorter
power-down cycles result in proportionally shorter wake-up
times. When using the SPI port interface, the user can place the
ADC in power-down mode or standby mode. Standby mode
allows the user to keep the internal reference circuitry powered
when faster wake-up times are required. See the Memory Map
section for more details on using these features.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com