Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9681 Datasheet HTML 24Page - Analog Devices AD9681 Datasheet HTML 25Page - Analog Devices AD9681 Datasheet HTML 26Page - Analog Devices AD9681 Datasheet HTML 27Page - Analog Devices AD9681 Datasheet HTML 28Page - Analog Devices AD9681 Datasheet HTML 29Page - Analog Devices AD9681 Datasheet HTML 30Page - Analog Devices AD9681 Datasheet HTML 31Page - Analog Devices AD9681 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
AD9681
Data Sheet
Rev. A | Page 28 of 40
SERIAL PORT INTERFACE (SPI)
The AD9681 serial port interface (SPI) allows the user to configure
the converter for specific functions or operations through a
structured register space provided inside the ADC. The SPI
offers the user added flexibility and customization, depending on
the application. Addresses are accessed via the serial port and
can be written to or read from via the port. Memory is organized
into bytes that can be further divided into fields, which are docu-
mented in the Memory Map section. For general operational
information, see the AN-877 Application Note, Interfacing to
High Speed ADCs via SPI. SPI information specific to the AD9681
is found in the AD9681 datasheet and takes precedence over the
general information found in the AN-877 Application Note.
CONFIGURATION USING THE SPI
Four pins define the SPI of this ADC: the SCLK/DTP pin
(SCLK functionality), the SDIO/OLM pin (SDIO functionality)
and the CSB1 and CSB2 pins (see Table 15). SCLK (a serial clock)
is used to synchronize the read and write data presented from
and to the ADC. SDIO (serial data input/output) serves a dual
function, allowing data to be sent to and read from the internal
ADC memory map registers. CSB1 and CSB2 (chip select bar)
are active low controls that enable or disable the read and write
cycles.
Table 15. Serial Port Interface Pins
Pin
Function
SCLK
(SCLK/DTP)
Serial clock. The serial shift clock input, which is
used to synchronize serial interface reads and writes.
SDIO
(SDIO/OLM)
Serial data input/output. A dual-purpose pin that
serves as an input or an output, depending on the
instruction being sent and the relative position in
the timing frame.
CSB1, CSB2
Chip select bar. An active low control that gates
the read and write cycles. CSB1 enables/disables
the SPI for four channels in Bank 1; CSB2 enables/
disables the SPI for four channels in Bank 2.
The falling edge of CSB1 and/or CSB2, in conjunction with the
rising edge of SCLK, determines the start of the framing. For an
example of the serial timing and its definitions, see Figure 53
and Table 5.
Other modes involving the CSB1 and CSB2 pins are available.
To permanently enable the device, hold CSB1 and CSB2 low
indefinitely; this is called streaming. CSB1 and CSB2 can stall
high between bytes to allow additional external timing. Tie CSB1
and CSB2 high to place SPI functions in high impedance mode.
This mode turns on any SPI secondary pin functions.
It is recommended that CSB1 and CSB2 be controlled with the
same signal by tying them together. In this way, whether tying
them to AVDD or selecting SPI functionality, both banks of ADCs
are controlled identically and are always in the same state.
During an instruction phase, a 16-bit instruction is transmitted.
Data follows the instruction phase, and its length is determined
by the W0 and W1 bits.
In addition to word length, the instruction phase determines
whether the serial frame is a read or write operation, allowing
the serial port to both program the chip and read the contents of
the on-chip memory. The first bit of the first byte in a multibyte
serial data transfer frame indicates whether a read command or
a write command is issued. If the instruction is a readback
operation, performing a readback causes the serial data
input/output (SDIO) pin to change direction from an input to an
output at the appropriate point in the serial frame.
Input data registers on the rising edge of SCLK, and output data
transmits on the falling edge. After the address information passes
to the converter requesting a read, the SDIO line transitions from
an input to an output within 1/2 of a clock cycle. This timing
ensures that when the falling edge of the next clock cycle
occurs, data can be safely placed on this serial line for the
controller to read.
All data is composed of 8-bit words. Data can be sent in MSB-
first mode or in LSB-first mode. MSB-first mode is the default
on power-up and can be changed via the SPI port configuration
register. For more information about this and other features,
see the AN-877 Application Note, Interfacing to High Speed
ADCs via SPI.
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
CSBx
tS
tDH
tCLK
tDS
tH
R/W
W1
W0
A12
A11
A10
A9
A8
A7
D5
D4
D3
D2
D1
D0
tLOW
tHIGH
Figure 53. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com