Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9681 Datasheet HTML 8Page - Analog Devices AD9681 Datasheet HTML 9Page - Analog Devices AD9681 Datasheet HTML 10Page - Analog Devices AD9681 Datasheet HTML 11Page - Analog Devices AD9681 Datasheet HTML 12Page - Analog Devices AD9681 Datasheet HTML 13Page - Analog Devices AD9681 Datasheet HTML 14Page - Analog Devices AD9681 Datasheet HTML 15Page - Analog Devices AD9681 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
AD9681
Data Sheet
Rev. A | Page 12 of 40
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Electrical
AVDD to GND
−0.3 V to +2.0 V
DRVDD to GND
−0.3 V to +2.0 V
Digital Outputs (D0±xx, D1±xx, DCO±1,
DCO±2, FCO±1, FCO±2) to GND
−0.3 V to +2.0 V
CLK+, CLK− to GND
−0.3 V to +2.0 V
VIN±x1, VIN±x2 to GND
−0.3 V to +2.0 V
SCLK/DTP, SDIO/OLM, CSB1, CSB2 to GND
−0.3 V to +2.0 V
SYNC, PDWN to GND
−0.3 V to +2.0 V
RBIAS1, RBIAS2 to GND
−0.3 V to +2.0 V
VREF, VCM1, VCM2, SENSE to GND
−0.3 V to +2.0 V
Environmental
Operating Temperature Range (Ambient)
−40°C to +85°C
Maximum Junction Temperature
150°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL CHARACTERISTICS
Typical θJAis specified for a 4-layer PCB with a solid ground plane.
Airflow improves heat dissipation, which reduces θJA. In addition,
metal in direct contact with the package leads from metal traces,
through holes, ground, and power planes reduces θJA.
Table 7. Thermal Resistance (Simulated)
Package Type
Airflow
Velocity
(m/sec)
θJA1, 2
JT
1, 2
Unit
144-Ball, 10 mm × 10 mm
CSP-BGA
0
30.2
0.13
°C/W
1 Per JEDEC 51-7, plus JEDEC 51-5 2S2P test board.
2 Per JEDEC JESD51-2 (still air) or JEDEC JESD51-6 (moving air).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com