Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9681 Datasheet HTML 10Page - Analog Devices AD9681 Datasheet HTML 11Page - Analog Devices AD9681 Datasheet HTML 12Page - Analog Devices AD9681 Datasheet HTML 13Page - Analog Devices AD9681 Datasheet HTML 14Page - Analog Devices AD9681 Datasheet HTML 15Page - Analog Devices AD9681 Datasheet HTML 16Page - Analog Devices AD9681 Datasheet HTML 17Page - Analog Devices AD9681 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
AD9681
Data Sheet
Rev. A | Page 14 of 40
Pin No.
Mnemonic
Description
G12, G11
D0−A1, D0+A1
Lane 0 Bank 1 Digital Output Complement, Lane 0 Bank 1 Digital Output True.
H12, H11
D1−A1, D1+A1
Lane 1 Bank 1 Digital Output Complement, Lane 1 Bank 1 Digital Output True.
J12, J11
D0−A2, D0+A2
Lane 0 Bank 2 Digital Output Complement, Lane 0 Bank 2 Digital Output True.
K12, K11
D1−A2, D1+A2
Lane 1 Bank 2 Digital Output Complement, Lane 1 Bank 2 Digital Output True.
L12, L11
D0−B1, D0+B1
Lane 0 Bank 1 Digital Output Complement, Lane 0 Bank 1 Digital Output True.
M12, M11
D1−B1, D1+B1
Lane 1 Bank 1 Digital Output Complement, Lane 1 Bank 1 Digital Output True.
M10, L10
D0−B2, D0+B2
Lane 0 Bank 2 Digital Output Complement, Lane 0 Bank 2 Digital Output True.
M9, L9
D1−B2, D1+B2
Lane 1 Bank 2 Digital Output Complement, Lane 1 Bank 2 Digital Output True.
M4, L4
D0−C1, D0+C1
Lane 0 Bank 1 Digital Output Complement, Lane 0 Bank 1 Digital Output True.
M3, L3
D1−C1, D1+C1
Lane 1 Bank 1 Digital Output Complement, Lane 1 Bank 1 Digital Output True.
M1, M2
D0−C2, D0+C2
Lane 0 Bank 2 Digital Output Complement, Lane 0 Bank 2 Digital Output True.
L1, L2
D1−C2, D1+C2
Lane 1 Bank 2 Digital Output Complement, Lane 1 Bank 2 Digital Output True.
K1, K2
D0−D1, D0+D1
Lane 0 Bank 1 Digital Output Complement, Lane 0 Bank 1 Digital Output True.
J1, J2
D1−D1, D1+D1
Lane 1 Bank 1 Digital Output Complement, Lane 1 Bank 1 Digital Output True.
H1, H2
D0−D2, D0+D2
Lane 0 Bank 2 Digital Output Complement, Lane 0 Bank 2 Digital Output True.
G1, G2
D1−D2, D1+D2
Lane 1 Bank 2 Digital Output Complement, Lane 1 Bank 2 Digital Output True.
M6, L6;
M7, L7
DCO−1, DCO+1;
DCO−2, DCO+2
Data Clock Digital Output Complement, Data Clock Digital Output True. DCO±1 is used to
capture D0±x1/D1±x1 digital output data, and DCO±2 is used to capture D0±x2/D1±x2 digital
output data.
M5, L5;
M8, L8
FCO−1, FCO+1;
FCO−2, FCO+2
Frame Clock Digital Output Complement, Frame Clock Digital Output True. FCO±1 frames
D0±x1/D1±x1 digital output data, and FCO±2 frames D0±x2/D1±x2 digital output data.
F12
SCLK/DTP
Serial Clock/Digital Test Pattern.
F11
SDIO/OLM
Serial Data Input/Output/Output Lane Mode.
E10, F10
CSB1, CSB2
Chip Select Bar. CSB1 enables/disables the SPI for four channels in Bank 1; CSB2 enables/
disables the SPI for four channels in Bank 2.
G10
PDWN
Power-Down.
E12, E11
VIN−A1, VIN+A1
Analog Input Complement, Analog Input True.
C12, C11
VIN−A2, VIN+A2
Analog Input Complement, Analog Input True.
A12, A11
VIN−B1, VIN+B1
Analog Input Complement, Analog Input True.
A9, B9
VIN−B2, VIN+B2
Analog Input Complement, Analog Input True.
A6, B6
VIN−C1, VIN+C1
Analog Input Complement, Analog Input True.
A4, B4
VIN−C2, VIN+C2
Analog Input Complement, Analog Input True.
A1, A2
VIN−D1,
VIN+D1
Analog Input Complement, Analog Input True.
C1, C2
VIN−D2,
VIN+D2
Analog Input Complement, Analog Input True.
C8, C9
RBIAS1, RBIAS2
Sets analog current bias. Connect each RBIASx pin to a 10 kΩ (1% tolerance) resistor to ground.
C7
SENSE
Reference Mode Selection.
C6
VREF
Voltage Reference Input/Output.
C4, C5
VCM1, VCM2
Analog Output Voltage at Midsupply. Sets the common mode of the analog inputs, external to
the ADC, as shown in Figure 38 and Figure 39.
C3
SYNC
Digital Input; Synchronizing Input to Clock Divider. This pin is internally pulled to ground by a
30 kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com