Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9681 Datasheet HTML 27Page - Analog Devices AD9681 Datasheet HTML 28Page - Analog Devices AD9681 Datasheet HTML 29Page - Analog Devices AD9681 Datasheet HTML 30Page - Analog Devices AD9681 Datasheet HTML 31Page - Analog Devices AD9681 Datasheet HTML 32Page - Analog Devices AD9681 Datasheet HTML 33Page - Analog Devices AD9681 Datasheet HTML 34Page - Analog Devices AD9681 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
AD9681
Rev. A | Page 31 of 40
MEMORY MAP
The AD9681 uses a 3-wire (bidirectional SDIO) interface and 16-bit addressing. Therefore, Bit 0 and Bit 7 in Register 0x00 are set to 0,
and Bit 3 and Bit 4 are set to 1. When Bit 5 in Register 0x00 is set high, the SPI enters a soft reset where all of the user registers revert to
their default values and Bit 2 is automatically cleared.
Table 17. Memory Map Register Table
Reg.
Addr.
(Hex)
Register Name
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)
Comments
Chip Configuration Registers
0x00
SPI port
configuration
0 =
SDIO
active
LSB first
Soft
reset
1 =
16-bit
address
1 =
16-bit
address
Soft
reset
LSB first
0 = SDIO
active
0x18
Nibbles are
mirrored such
that a given
register value
yields the same
function for
either LSB-first
mode or MSB-
first mode.
The default
for ADCs is
16-bit mode.
0x01
Chip ID (global)
8-bit chip ID, Bits[7:0];
0x8F = the AD9681, an octal, 14-bit, 125 MSPS serial LVDS
0x8F
Unique chip ID
used to differ-
entiate devices.
Read only.
0x02
Chip grade (global)
Open
Speed grade ID, Bits[6:4];
110 = 125 MSPS
Open
Open
Open
Open
Read
only
Unique speed
grade ID used
to differentiate
graded devices.
Read only.
Device Index and Transfer Registers
0x05
Device index
Open
Open
DCO±1,
DCO±2
clock
channels
FCO±1,
FCO±2
clock
channels
D1, D2
data
channels
C1, C2
data
channels
B1, B2
data
channels
A1, A2
data
channels
0x3F
Bits are set to
determine
which device
on chip
receives the
next write
command.
The default is
all devices on
chip.
0xFF
Transfer
Open
Open
Open
Open
Open
Open
Open
Initiate
override
0x00
Sets resolution/
sample rate
override.
Global ADC Function Registers
0x08
Power modes
(global)
Open
Open
External
power-
down
pin
function;
0 = full
power-
down,
1 =
standby
Open
Open
Open
Internal power-down
mode, Bits[1:0];
00 = chip run
01 = full power-down
10 = standby
11 = digital reset
0x00
Determines
various generic
modes of chip
operation.
0x09
Clock (global)
Open
Open
Open
Open
Open
Open
Open
Duty
cycle
stabilizer;
0 = off
1 = on
0x01
Turns duty
cycle stabilizer
on or off.
0x0B
Clock divide
(global)
Open
Open
Open
Open
Open
Clock divide ratio, Bits[2:0];
000 = divide by 1
001 = divide by 2
010 = divide by 3
011 = divide by 4
100 = divide by 5
101 = divide by 6
110 = divide by 7
111 = divide by 8
0x00
Divide ratio
is the value
plus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com