Electronic Components Datasheet Search
  English  ▼

X  

AD9681 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9681
Description  Octal, 14-Bit, 125 MSPS, Serial LVDS, 1.8 V Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9681 Datasheet(HTML) 3 Page - Analog Devices

  AD9681 Datasheet HTML 1Page - Analog Devices AD9681 Datasheet HTML 2Page - Analog Devices AD9681 Datasheet HTML 3Page - Analog Devices AD9681 Datasheet HTML 4Page - Analog Devices AD9681 Datasheet HTML 5Page - Analog Devices AD9681 Datasheet HTML 6Page - Analog Devices AD9681 Datasheet HTML 7Page - Analog Devices AD9681 Datasheet HTML 8Page - Analog Devices AD9681 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Data Sheet
AD9681
Rev. A | Page 3 of 40
FUNCTIONAL BLOCK DIAGRAM
SERIAL
LVDS
D0–A1
D0+A1
SERIAL
LVDS
D1–A1
D1+A1
SERIAL
LVDS
D0–A2
D0+A2
SERIAL
LVDS
D1–A2
D1+A2
SERIAL
LVDS
D0–B1
D0+B1
SERIAL
LVDS
D1–B1
D1+B1
SERIAL
LVDS
D0–B2
D0+B2
SERIAL
LVDS
D1–B2
D1+B2
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–A1
VIN+A1
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–A2
VIN+A2
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–B1
VIN+B1
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–B2
VIN+B2
FCO–1, FCO–2
FCO+1, FCO+2
DCO–1, DCO–2
DCO+1, DCO+2
SERIAL
LVDS
D0–C1
D0+C1
SERIAL
LVDS
D1–C1
D1+C1
SERIAL
LVDS
D0–C2
D0+C2
SERIAL
LVDS
D1–C2
D1+C2
SERIAL
LVDS
D0–D1
D0+D1
SERIAL
LVDS
D1–D1
D1+D1
SERIAL
LVDS
D0–D2
D0+D2
SERIAL
LVDS
D1–D2
D1+D2
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–C1
VIN+C1
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–C2
VIN+C2
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–D1
VIN+D1
14
PIPELINE
ADC
DIGITAL
SERIALIZER
VIN–D2
VIN+D2
AVDD
PDWN
DRVDD
SENSE
GND
VREF
RBIAS1, RBIAS2
REF
SELECT
1V
VCM1, VCM2
CLOCK
MANAGEMENT
SERIAL PORT
INTERFACE
AD9681
Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com