Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 16 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 16 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 12Page - AVX Corporation TAJB335016 Datasheet HTML 13Page - AVX Corporation TAJB335016 Datasheet HTML 14Page - AVX Corporation TAJB335016 Datasheet HTML 15Page - AVX Corporation TAJB335016 Datasheet HTML 16Page - AVX Corporation TAJB335016 Datasheet HTML 17Page - AVX Corporation TAJB335016 Datasheet HTML 18Page - AVX Corporation TAJB335016 Datasheet HTML 19Page - AVX Corporation TAJB335016 Datasheet HTML 20Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
15
TACmicrochip
TAC
Type
TACmicrochip
L
Case Code
225
Capacitance Code
pF code: 1st two
digits represent
significant figures,
3rd digit represents
multiplier (number of
zeros to follow)
M
Tolerance
K=±10%
M=±20%
003
Rated DC Voltage
R
Packaging
X=8mm 4-1/4"
Tape & Reel
R=7" Tape & Reel
Solder Plated
**
Additional
characters may be
add for special
requirements
HOW TO ORDER
AVX
Case
Capacitance
Leakage
DF
ESR
Style
Size
µF@120Hz
µA
%
Max
(Max)
Max
@100kHz
(2 volt)
TAC
0603
3.3
0.5
6
10
TAC
0603
4.7
0.5
6
10
TAC
0603
6.8
0.5
6
10
(3 volt)
TAC
0603
2.2
0.5
6
10
TAC
0603
3.3
0.5
6
10
TAC
0603
4.7
0.5
6
10
(4 volt)
TAC
0603
1.5
0.5
6
10
TAC
0603
2.2
0.5
6
10
TAC
0603
3.3
0.5
6
10
(6.3 volt)
TAC
0603
1.0
0.5
6
10
TAC
0603
1.5
0.5
6
10
TAC
0603
2.2
0.5
6
10
(10 volt)
TAC
0603
0.47
0.5
6
12
TAC
0603
0.68
0.5
6
10
TAC
0603
1.0
0.5
6
10
TAC
0603
1.5
0.5
6
10
AVX
Case
Capacitance
Leakage
DF
ESR
Style
Size
µF@120Hz
µA
%
Max
(Max)
Max
@100kHz
(2 volt)
TAC
0805
22
0.5
8
6
TAC
0805
33
0.7
8
6
TAC
0805
47
1.0
8
6
(3 volt)
TAC
0805
15
0.5
8
6
TAC
0805
22
0.7
8
6
TAC
0805
33
1.0
8
6
(4 volt)
TAC
0805
10
0.5
8
6
TAC
0805
15
0.6
8
6
TAC
0805
22
0.9
8
6
(6.3 volt)
TAC
0805
6.8
0.5
8
6
TAC
0805
10
0.6
8
6
TAC
0805
15
0.9
8
6
(10 volt)
TAC
0805
4.7
0.5
8
6
TAC
0805
6.8
0.7
8
6
TAC
0805
10
1.0
8
6
RATINGS AND PART NUMBER REFERENCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com