Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 17 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 17 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 13Page - AVX Corporation TAJB335016 Datasheet HTML 14Page - AVX Corporation TAJB335016 Datasheet HTML 15Page - AVX Corporation TAJB335016 Datasheet HTML 16Page - AVX Corporation TAJB335016 Datasheet HTML 17Page - AVX Corporation TAJB335016 Datasheet HTML 18Page - AVX Corporation TAJB335016 Datasheet HTML 19Page - AVX Corporation TAJB335016 Datasheet HTML 20Page - AVX Corporation TAJB335016 Datasheet HTML 21Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
16
TACmicrochip
Continued investment in R&D has resulted in AVX
introducing revolutionary technology to the tantalum
capacitor market.
The new TACmicrochip breaks new ground with the
unique structure allowing 10 times more capacitance to
be packaged in the 0603 case size than is possible with
traditional technology.
Conventional molded tantalum technology results in
an increase in ESR for each reduction in case size.
Figure 1 shows a reduction in ESR performance of the
TACmicrochip compared to the same case size if con-
ventional technology were used.
Figure 2 shows a major leap forward in µF/mm3
performance. The CV values offered in the 0603 cannot
be achieved using conventional molded technology.
These features coupled with the temperature and
voltage stability of tantalum, enable system designers to
achieve equipment miniaturization without compromis-
ing performance, making TACmicrochip the optimum
choice for size critical applications.
TACL155M004
ESR with Frequency
10
1
0.1
1E+02 1E+03 1E+04
1E+06 1E+07 1E+08
1E+05
Frequency (Hz)
TACmicrochip Technology
Conventional Technology
Value
Added
35
30
25
20
15
10
5
0
DC
B
Case Size
A
0805
0603
Value
Added
TACmicrochip average
Molded average
9
8
7
6
5
4
3
2
1
0
87 88 89 90 91 92 93 94 95 96 97 98
TACL155M006
Cap. with Temperature
1.58
1.56
1.54
1.52
1.50
1.48
1.46
1.44
1.42
1.40
-60 -40 -20
0
20 40
Temperature (
°C)
60 80 100 120 140
Enhancing Leakage Current & Battery
Efficiency.
As portable electronic equipment becomes an integral
part of everyday life, a key design focus becomes
the ability to enhance and extend battery efficiency per-
formance. Overall leakage current capability improve-
ments are achieved using the unique TACmicrochip
construction technology.
Enhanced ESR & High Frequency Operation.
The radically new construction technique used to
manufacture the TACmicrochip eliminates a great many
of the parasitic inductance resistance paths inherent
in standard molded tantalum capacitors, giving the
TACmicrochip an equivalent high frequency perfor-
mance of larger sized product.
Volumetric Efficiency, Space & Weight Savings.
Achieving the industries highest available capacitance
in 0603 case size allows high bulk energy storage
with minimal use of valuable circuit board space. Add
stable temperature and voltage performance and
TACmicrochip becomes your preferred choice of minia-
ture tantalum chip capacitor for size critical applications.
Figure 1.
Figure 2.
TACL155M006 DCL vs Voltage
70
60
50
40
30
20
10
0
0123
Voltage (V)
456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com