Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 34 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 34 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 30Page - AVX Corporation TAJB335016 Datasheet HTML 31Page - AVX Corporation TAJB335016 Datasheet HTML 32Page - AVX Corporation TAJB335016 Datasheet HTML 33Page - AVX Corporation TAJB335016 Datasheet HTML 34Page - AVX Corporation TAJB335016 Datasheet HTML 35Page - AVX Corporation TAJB335016 Datasheet HTML 36Page - AVX Corporation TAJB335016 Datasheet HTML 37Page - AVX Corporation TAJB335016 Datasheet HTML 38Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
33
1.4.4 Temperature dependence of the Impedance
and ESR.
At 100kHz, impedance and ESR behave identically and
decrease with increasing temperature as the typical curves
show.
1.5 D.C. LEAKAGE CURRENT
1.5.1 Leakage current.
The leakage current is dependent on the voltage applied,
the elapsed time since the voltage was applied and the
component temperature. It is measured at +20°C with the
rated voltage applied. A protective resistance of 1000
Ω
is connected in series with the capacitor in the measuring
circuit. Three to five minutes after application of the rated
voltage the leakage current must not exceed the maximum
values indicated in the ratings table. These are based on the
formulae 0.01CV or 0.5µA (whichever is the greater).
Reforming of tantalum capacitors is unnecessary even after
prolonged storage periods without the application of voltage.
1.5.2 Temperature dependence of the leakage
current.
The leakage current increases with higher temperatures,
typical values are shown in the graph. For operation between
85°C and 125°C, the maximum working voltage must be
derated and can be found from the following formula.
Vmax =
1- (T - 85)
x V
Rvolts, where T is the required
125
operating temperature.
1.5.3 Voltage dependence of the leakage current.
The leakage current drops rapidly below the value corre-
sponding to the rated voltage V
R when reduced voltages are
applied. The effect of voltage derating on the leakage current
is shown in the graph. This will also give a significant increase
in the reliability for any application. See Section 3.1 for
details.
For additional information on Leakage Current, please
consult the AVX technical publication "Analysis of Solid
Tantalum Capacitor Leakage Current" by R. W. Franklin.
1.5.4 Ripple current.
The maximum ripple current allowed can be calculated from
the power dissipation limits for a given temperature rise
above ambient temperature (please refer to Section 2).
ESR vs. TEMPERATURE
1
0.1
0.01
-55 -40 -20
0
20
40
Temperature (
°C)
60
80
10
125
1
0.1
0.01
0
20
40
60
80
100
Rated Voltage (VR) %
Leakage Current
ratio I/IVR
LEAKAGE CURRENT vs. RATED VOLTAGE
Typical
Range
TAJD336M006
TAJD476M010
TAJD336M016
TAJC685M020
10
8
6
4
2
0
-2
-4
-6
-8
-10
-20
0
20
40
60
80
100
Applied Voltage (Volts)
LEAKAGE CURRENT vs. BIAS VOLTAGE
-55 -40 -20
0
20 40
60
80 100 +125
10
1
0.1
Temperature (
°C)
Leakage current
ratio I/IR20
LEAKAGE CURRENT vs. TEMPERATURE
Technical Summary and
Application Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com