Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 13 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 13 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 9Page - AVX Corporation TAJB335016 Datasheet HTML 10Page - AVX Corporation TAJB335016 Datasheet HTML 11Page - AVX Corporation TAJB335016 Datasheet HTML 12Page - AVX Corporation TAJB335016 Datasheet HTML 13Page - AVX Corporation TAJB335016 Datasheet HTML 14Page - AVX Corporation TAJB335016 Datasheet HTML 15Page - AVX Corporation TAJB335016 Datasheet HTML 16Page - AVX Corporation TAJB335016 Datasheet HTML 17Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
12
TPS Series
Low ESR
RATINGS & PART NUMBER REFERENCE
AVX
Case
Capacitance
Rated
DCL
DF
ESR
100kHz Ripple Current (mA) Ratings
Part No.
Size
µF
Voltage
(µA)
%
Max. (m
Ω)
Max.
Max.
@100kHz
25ºC
85ºC
125ºC
TPSA156*006R1500
A
15
6.3
0.9
6
1500
224
200
89
TPSB336*006R0600
B
33
6.3
2.1
6
600
376
337
151
TPSC107*006R0150
C
100
6.3
6.3
6
150
856
766
343
TPSD157*006R0125
D
150
6.3
9.5
6
125
1095
980
438
TPSD227*006R0100
D
220
6.3
13.9
6
100
1225
1095
490
TPSE337*006R0100
E
330
6.3
20.8
8
100
1285
1149
514
TPSE337*006R0125
E
330
6.3
20.8
8
125
1149
1028
460
TPSE337*006R0150
E
330
6.3
20.8
8
150
1049
938
420
TPSV337*006R0060
V
330
6.3
20.8
8
60
2041
1826
816
TPSV337*006R0100
V
330
6.3
20.8
8
100
1581
1414
632
TPSE477*006R0050
E
470
6.3
29.6
10
50
1817
1625
727
TPSE477*006R0100
E
470
6.3
29.6
10
100
1285
1149
514
TPSE477*006R0200
E
470
6.3
29.6
10
200
908
812
363
TPSV477*006R0055
V
470
6.3
29.6
10
55
2132
1907
853
TPSV477*006R0100
V
470
6.3
29.6
10
100
1581
1414
632
TPSA106*010R1800
A
10
10
1.0
6
1800
204
183
82
TPSA156*010R1000
A
15
10
1.5
6
1000
274
245
110
TPSB226*010R0700
B
22
10
2.2
6
700
348
312
139
TPSC336*010R0375
C
33
10
3.3
6
375
542
484
217
TPSC336*010R0500
C
33
10
3.3
6
500
469
420
188
TPSC476*010R0350
C
47
10
4.7
6
350
561
501
224
TPSC107*010R0200
C
100
10
10.0
8
200
742
663
297
TPSD107*010R0065
D
100
10
10.0
6
65
1519
1359
608
TPSD107*010R0080
D
100
10
10.0
6
80
1369
1225
547
TPSD107*010R0100
D
100
10
10.0
6
100
1225
1095
490
TPSD107*010R0125
D
100
10
10.0
6
125
1095
980
438
TPSD107*010R0140
D
100
10
10.0
6
140
1035
926
414
TPSD107*010R0150
D
100
10
10.0
6
150
1000
894
400
TPSE107*010R0125
E
100
10
10.0
6
125
1149
1028
460
TPSD157*010R0100
D
150
10
15.0
6
100
1225
1095
490
TPSD227*010R0150
D
220
10
22.0
8
150
1000
894
400
TPSE227*010R0060
E
220
10
22.0
8
60
1658
1483
663
TPSE227*010R0100
E
220
10
22.0
8
100
1285
1149
514
TPSE227*010R0125
E
220
10
22.0
8
125
1149
1028
460
TPSE227*010R0150
E
220
10
22.0
8
150
1049
938
420
TPSV227*010R0060
V
220
10
22.0
8
60
2041
1826
817
TPSD337*010R0150
D
330
10
33.0
8
150
1000
894
400
TPSE337*010R0060
E
330
10
33.0
8
60
1658
1483
663
TPSE337*010R0100
E
330
10
33.0
8
100
1285
1149
514
TPSV337*010R0060
V
330
10
33.0
8
60
2041
1826
817
TPSV337*010R0100
V
330
10
33.0
10
100
1581
1414
632
TPSE477*010R0050
E
470
10
47.0
10
50
1817
1625
727
TPSE477*010R0100
E
470
10
47.0
10
100
1285
1149
514
TPSE477*010R0200
E
470
10
47.0
10
200
908
812
363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com