Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 21 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 21 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 17Page - AVX Corporation TAJB335016 Datasheet HTML 18Page - AVX Corporation TAJB335016 Datasheet HTML 19Page - AVX Corporation TAJB335016 Datasheet HTML 20Page - AVX Corporation TAJB335016 Datasheet HTML 21Page - AVX Corporation TAJB335016 Datasheet HTML 22Page - AVX Corporation TAJB335016 Datasheet HTML 23Page - AVX Corporation TAJB335016 Datasheet HTML 24Page - AVX Corporation TAJB335016 Datasheet HTML 25Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
20
TAZ Series
Standard Range
RATINGS & PART NUMBER REFERENCE (Standard Range and Special Case Sizes Only)
All technical data relates to an ambient temperature of +25°C. Capacitance and
DF are measured at 120 Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
‡ Insert J for ±5% tolerance, K for ±10%, M for ±20%
* Insert letter for packing option. See ordering information on page 19.
The electrical and mechanical parameters shown on the TAZ series are
general. For special circuit requirements, application specific testing is
available. Please contact your local AVX sales office if you have special
electrical or mechanical requirements.
DCL, DF and ESR limits are general information only. Contact AVX if your
application requires lower or tighter limits.
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
25 volt @ 85°C (16 volt @ 125°C)
TAZA334(‡)025C*
A
0.33
1.0
6
25.0
TAZB684(‡)025C*
B
0.68
1.0
6
15.0
TAZD155(‡)025C*
D
1.5
1.0
6
10.0
TAZE225(‡)025C*
E
2.2
1.0
6
8.0
TAZF475(‡)025C*
F
4.7
2.0
6
6.0
TAZG685(‡)025C*
G
6.8
2.0
6
4.0
TAZG106(‡)025C*
G
10.0
3.0
6
3.0
TAZH156(‡)025C*
H
15.0
4.0
6
2.0
35 volt @ 85°C (23 volt @ 125°C)
TAZA224(‡)035C*
A
0.22
1.0
6
25.0
TAZB474(‡)035C*
B
0.47
1.0
6
20.0
TAZD105(‡)035C*
D
1.0
1.0
6
12.0
TAZE155(‡)035C*
E
1.5
1.0
6
6.0
TAZF335(‡)035C*
F
3.3
1.0
6
6.0
TAZG475(‡)035C*
G
4.7
2.0
6
3.0
TAZH685(‡)035C*
H
6.8
3.0
6
3.0
50 volt @ 85°C (33 volt @ 125°C)
TAZA104(‡)050C*
A
0.10
1.0
6
30.0
TAZA154(‡)050C*
A
0.15
1.0
6
30.0
TAZB224(‡)050C*
B
0.22
1.0
6
25.0
TAZB334(‡)050C*
B
0.33
1.0
6
25.0
TAZD684(‡)050C*
D
0.68
1.0
6
20.0
TAZE105(‡)050C*
E
1.0
1.0
6
12.0
TAZF155(‡)050C*
F
1.5
1.0
6
10.0
TAZF225(‡)050C*
F
2.2
2.0
6
6.0
TAZG335(‡)050C*
G
3.3
2.0
6
4.0
TAZH475(‡)050C*
H
4.7
3.0
6
2.0
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
4 volt @ 85°C (2.5 volt @ 125°C)
TAZA225(‡)004C*
A
2.2
1.0
6
20.0
TAZB475(‡)004C*
B
4.7
1.0
6
10.0
TAZD106(‡)004C*
D
10.0
1.0
6
10.0
TAZE156(‡)004C*
E
15.0
1.0
8
5.0
TAZF336(‡)004C*
R
33.0
2.0
8
4.0
TAZG686(‡)004C*
F
68.0
3.0
10
2.0
TAZH107(‡)004C*
H
100.0
4.0
10
1.0
6.3 volt @ 85°C (4 volt @ 125°C)
TAZA155(‡)006C*
A
1.5
1.0
6
12.0
TAZB335(‡)006C*
B
3.3
1.0
6
12.0
TAZD685(‡)006C*
D
6.8
1.0
6
12.0
TAZE106(‡)006C*
E
10.0
1.0
6
6.0
TAZF226(‡)006C*
F
22.0
2.0
8
4.0
TAZG476(‡)006C*
G
47.0
3.0
10
2.0
TAZH686(‡)006C*
H
68.0
4.0
10
2.0
10 volt @ 85°C (6.3 volt @ 125°C)
TAZA105(‡)010C*
A
1.0
1.0
6
18.0
TAZB225(‡)010C*
B
2.2
1.0
6
12.0
TAZD475(‡)010C*
D
4.7
1.0
6
10.0
TAZE685(‡)010C*
E
6.8
1.0
6
4.0
TAZF156(‡)010C*
F
15.0
2.0
6
3.0
TAZG336(‡)010C*
G
33.0
3.0
10
3.0
TAZH476(‡)010C*
H
47.0
5.0
10
2.0
15 volt @ 85°C (10 volt @ 125°C)
TAZA684(‡)015C*
A
0.68
1.0
6
22.0
TAZB155(‡)015C*
B
1.5
1.0
6
15.0
TAZD335(‡)015C*
D
3.3
1.0
6
10.0
TAZE475(‡)015C*
E
4.7
1.0
6
6.0
TAZF106(‡)015C*
F
10.0
2.0
6
5.0
TAZG226(‡)015C*
G
22.0
4.0
8
3.0
TAZH336(‡)015C*
H
33.0
5.0
8
2.0
20 volt @ 85°C (13 volt @ 125°C)
TAZA474(‡)020C*
A
0.47
1.0
6
20.0
TAZB684(‡)020C*
B
0.68
1.0
6
15.0
TAZB105(‡)020C*
B
1.0
1.0
6
15.0
TAZD225(‡)020C*
D
2.2
1.0
6
10.0
TAZE335(‡)020C*
E
3.3
1.0
6
8.0
TAZF685(‡)020C*
F
6.8
2.0
6
5.0
TAZG156(‡)020C*
G
15.0
3.0
6
3.0
TAZH226(‡)020C*
H
22.0
4.0
6
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com