Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 39 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 39 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 35Page - AVX Corporation TAJB335016 Datasheet HTML 36Page - AVX Corporation TAJB335016 Datasheet HTML 37Page - AVX Corporation TAJB335016 Datasheet HTML 38Page - AVX Corporation TAJB335016 Datasheet HTML 39Page - AVX Corporation TAJB335016 Datasheet HTML 40Page - AVX Corporation TAJB335016 Datasheet HTML 41Page - AVX Corporation TAJB335016 Datasheet HTML 42Page - AVX Corporation TAJB335016 Datasheet HTML 43Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
38
Figure 4. Correction factor to failure rate F for series resistance
R on basic failure rate FB for a typical component
(60% con. level).
Example calculation
Consider a 12 volt power line. The designer needs about
10µF of capacitance to act as a decoupling capacitor near a
video bandwidth amplifier. Thus the circuit impedance will be
limited only by the output impedance of the board’s power
unit and the track resistance. Let us assume it to be about
2 Ohms minimum, i.e. 0.167 Ohms/Volt. The operating
temperature range is -25°C to +85°C. If a 10µF 16 Volt
capacitor was designed in the operating failure rate would
be as follows.
a)
FT = 1.0 @ 85°C
b)
FR = 0.85 @ 0.167 Ohms/Volt
c)
FU = 0.08 @ applied voltage/rated
voltage = 75%
Thus
FB = 1.0 x 0.85 x 0.08 x 1 = 0.068%/1000 Hours
If the capacitor was changed for a 20 volt capacitor, the
operating failure rate will change as shown.
FU = 0.018 @ applied voltage/rated voltage = 60%
FB = 1.0 x 0.85 x 0.018 x 1 = 0.0153%/1000 Hours
3.2 Dynamic.
As stated in Section 1.2.4, the solid Tantalum capacitor has
a limited ability to withstand voltage and current surges.
Such current surges can cause a capacitor to fail. The
expected failure rate cannot be calculated by a simple
formula as in the case of steady-state reliability. The two
parameters under the control of the circuit design engineer
known to reduce the incidence of failures are derating and
series resistance.
The table below summarizes the results of trials carried out
at AVX with a piece of equipment which has very low series
resistance with no voltage derating applied. That is the
capacitor was tested at its rated voltage.
Results of production scale derating experiment
As can clearly be seen from the results of this experiment,
the more derating applied by the user, the less likely the
probability of a surge failure occurring.
It must be remembered that these results were derived from
a highly accelerated surge test machine, and failure rates in
the low ppm are more likely with the end customer.
A commonly held misconception is that the leakage current
of a Tantalum capacitor can predict the number of failures
which will be seen on a surge screen. This can be disproved
by the results of an experiment carried out at AVX on 47µF
10V surface mount capacitors with different leakage
currents. The results are summarized in the table below.
Leakage current vs number of surge failures
Again, it must be remembered that these results were
derived from a highly accelerated surge test machine,
and failure rates in the low ppm are more likely with the end
customer.
AVX recommended derating table
For further details on surge in Tantalum capacitors refer
to J.A. Gill’s paper “Surge in solid Tantalum capacitors”,
available from AVX offices worldwide.
An added bonus of increasing the derating applied in a
circuit, to improve the ability of the capacitor to withstand
surge conditions, is that the steady-state reliability is
improved by up to an order. Consider the example of a 6.3
volt capacitor being used on a 5 volt rail.
The steady-state reliability of a Tantalum capacitor is affected
by three parameters; temperature, series resistance and
voltage derating. Assume 40°C operation and 0.1
Ohms/Volt series resistance.
Number tested
Number failed surge
Standard leakage range
10,000
25
0.1 µA to 1µA
Over Catalog limit
10,000
26
5µA to 50µA
Classified Short Circuit
10,000
25
50µA to 500µA
Capacitance
Number of
50% derating
No derating
and Voltage
units tested
applied
applied
47µF 16V
1,547,587
0.03%
1.1%
100µF 10V
632,876
0.01%
0.5%
22µF 25V
2,256,258
0.05%
0.3%
Voltage Rail
Working Cap Voltage
3.3
6.3
510
10
20
12
25
15
35
≥24
Series Combinations (11)
Circuit resistance
FR
ohms/volt
3.0
0.07
2.0
0.1
1.0
0.2
0.8
0.3
0.6
0.4
0.4
0.6
0.2
0.8
0.1
1.0
Technical Summary and
Application Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com