Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 45 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 45 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 41Page - AVX Corporation TAJB335016 Datasheet HTML 42Page - AVX Corporation TAJB335016 Datasheet HTML 43Page - AVX Corporation TAJB335016 Datasheet HTML 44Page - AVX Corporation TAJB335016 Datasheet HTML 45Page - AVX Corporation TAJB335016 Datasheet HTML 46Page - AVX Corporation TAJB335016 Datasheet HTML 47Page - AVX Corporation TAJB335016 Datasheet HTML 48Page - AVX Corporation TAJB335016 Datasheet HTML 49Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
44
TAZ, CWR09, CWR11 Series
Tape and Reel Packaging
Solid Tantalum Chip TAZ Tape and reel packaging for automatic component placement.
Please enter required Suffix on order. Bulk packaging is standard.
TAZ TAPING SUFFIX TABLE
Case Size
Tape width
P
7" (180mm) reel
13" reel (330mm) reel
reference
mm
mm
Suffix
Qty.
Suffix
Qty.
A
8
4
R
2500
S
9000
B
12
4
R
2500
S
9000
D
12
4
R
2500
S
8000
E
12
4
R
2500
S
8000
F
12
8
R
1000
S
3000
G
12
8
R
500
S
2500
H
12
8
R
500
S
2500
Code
8mm Tape
12mm Tape
4±0.1
(0.157±0.004)
4±0.1
(0.157±0.004)
P*
or
or
8±0.1
(0.315±0.004)
8±0.1
(0.315±0.004)
G
0.75 min
(0.03 min)
0.75 min
(0.03 min)
F
3.5±0.05
(0.138±0.002)
5.5±0.05
(0.22±0.002)
E
1.75±0.1
(0.069±0.004)
1.75±0.1
(0.069±0.004)
W
8±0.3
(0.315±0.012)
12±0.3
(0.472±0.012)
P2
2±0.05
(0.079±0.002)
2±0.05
(0.079±0.002)
P0
4±0.1
(0.157±0.004)
4±0.1
(0.157±0.004)
D
1.5±0.1
(0.059±0.004)
1.5±0.1
(0.059±0.004)
-0
(-0)
-0
(-0)
D1
1.0 min
(0.039 min)
1.5 min
(0.059 min)
*See taping suffix tables for actual P dimension (component pitch).
TAPE SPECIFICATION
Tape dimensions comply to EIA RS 481 A
Dimensions A
0 and B0 of the pocket and
the tape thickness, K, are dependent on
the component size.
Tape materials do not affect component
solderability during storage.
Carrier Tape Thickness <0.4mm
Total Tape Thickness — K max
TAZ
Case size
Millimeters (Inches)
reference
DIM
A
2.0 (0.079)
B
4.0 (0.157)
D
4.0 (0.157)
E
4.0 (0.157)
F
4.0 (0.157)
G
4.0 (0.157)
H
4.0 (0.157)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com