Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 33 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 33 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 29Page - AVX Corporation TAJB335016 Datasheet HTML 30Page - AVX Corporation TAJB335016 Datasheet HTML 31Page - AVX Corporation TAJB335016 Datasheet HTML 32Page - AVX Corporation TAJB335016 Datasheet HTML 33Page - AVX Corporation TAJB335016 Datasheet HTML 34Page - AVX Corporation TAJB335016 Datasheet HTML 35Page - AVX Corporation TAJB335016 Datasheet HTML 36Page - AVX Corporation TAJB335016 Datasheet HTML 37Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
32
1.3.3 Frequency dependence of Dissipation Factor.
Dissipation Factor increases with frequency as shown in the
typical curves:
1.3.4 Temperature dependence of Dissipation
Factor.
Dissipation factor varies with temperature as the typical
curves show. For maximum limits please refer to ratings
tables.
1.4 IMPEDANCE, (Z) AND EQUIVALENT
SERIES RESISTANCE (ESR)
1.4.1 Impedance, Z.
This is the ratio of voltage to current at a specified frequency.
Three factors contribute to the impedance of a tantalum
capacitor; the resistance of the semiconductor layer; the
capacitance value and the inductance of the electrodes
and leads.
At high frequencies the inductance of the leads becomes
a limiting factor. The temperature and frequency behavior
of these three factors of impedance determine the behavior
of the impedance Z. The impedance is measured at 20°C
and 100kHz.
1.4.2 Equivalent Series Resistance, ESR.
Resistance losses occur in all practical forms of capacitors.
These are made up from several different mechanisms,
including resistance in components and contacts, viscous
forces within the dielectric and defects producing bypass
current paths. To express the effect of these losses they are
considered as the ESR of the capacitor. The ESR is frequency
dependent and can be found by using the relationship;
ESR =
tan
δ
2
πfC
Where f is the frequency in Hz, and C is the capacitance in
farads.
The ESR is measured at 20°C and 100kHz.
ESR is one of the contributing factors to impedance, and
at high frequencies (100kHz and above) it becomes the
dominant factor. Thus ESR and impedance become almost
identical, impedance being only marginally higher.
1.4.3 Frequency dependence of Impedance and ESR.
ESR and Impedance both increase with decreasing frequency.
At lower frequencies the values diverge as the extra contri-
butions to impedance (due to the reactance of the capacitor)
become more significant. Beyond 1MHz (and beyond the
resonant point of the capacitor) impedance again increases
due to the inductance of the capacitor.
DF vs. FREQUENCY
(TPSE107M016R0100)
100
1000
10000
100000
Frequency (Hz)
500
450
400
350
300
250
200
150
100
50
0
DF vs. TEMPERATURE
(TPSE107M016R0100)
-40
-20
0
20
40
60
80
100
125
Temperature (
°C)
ESR vs. FREQUENCY
(TPSE107M016R0100)
1
0.1
0.01
100
1000
10000
100000
1000000
Frequency (Hz)
10
1
0.1
0.01
Frequency (Hz)
100
1000
10000
100000
1000000
IMPEDANCE vs. FREQUENCY
(TPSE107M016R0100)
Technical Summary and
Application Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com