Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 29 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 29 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 25Page - AVX Corporation TAJB335016 Datasheet HTML 26Page - AVX Corporation TAJB335016 Datasheet HTML 27Page - AVX Corporation TAJB335016 Datasheet HTML 28Page - AVX Corporation TAJB335016 Datasheet HTML 29Page - AVX Corporation TAJB335016 Datasheet HTML 30Page - AVX Corporation TAJB335016 Datasheet HTML 31Page - AVX Corporation TAJB335016 Datasheet HTML 32Page - AVX Corporation TAJB335016 Datasheet HTML 33Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
28
Tantalum capacitors are manufactured from a powder of
pure tantalum metal. The typical particle size is between 2
and 10 µm.
4000µFV
10000µFV
20000µFV
Figure 1.
The powder is compressed under high pressure around a
Tantalum wire to form a ‘pellet’ (known as the Riser Wire).
The riser wire is the anode connection to the capacitor.
This is subsequently vacuum sintered at high temperature
(typically 1500 - 2000°C). This helps to drive off any impuri-
ties within the powder by migration to the surface.
During sintering the powder becomes a sponge like
structure with all the particles interconnected in a huge
lattice.
This structure is of high mechanical strength and density, but
is also highly porous giving a large internal surface area
(see Figure 2).
The larger the surface area the larger the capacitance. Thus
high CV (capacitance/voltage product) powders, which have
a low average particle size, are used for low voltage, high
capacitance parts. The figure below shows typical powders.
Note the very great difference in particle size between the
powder CVs.
By choosing which powder is used to produce each capac-
itance/voltage rating the surface area can be controlled.
The following example uses a 22µF 25V capacitor to
illustrate the point.
C = o r
A
d
where
o is the dielectric constant of free space
(8.855 x 10-12 Farads/m)
r is the relative dielectric constant for Tantalum
Pentoxide (27)
d is the dielectric thickness in meters
(for a typical 25V part)
C is the capacitance in Farads
and
A is the surface area in meters
Rearranging this equation gives:
A =
Cd
o r
thus for a 22µF/25V capacitor the surface area is 150 square
centimeters, or nearly half the size of this page.
The dielectric is then formed over all the tantalum surfaces
by the electrochemical process of anodization. To achieve
this, the ‘pellet’ is dipped into a very weak solution of phos-
phoric acid.
The dielectric thickness is controlled by the voltage applied
during the forming process. Initially the power supply is kept
in a constant current mode until the correct thickness of
dielectric has been reached (that is the voltage reaches the
‘forming voltage’), it then switches to constant voltage mode
and the current decays to close to zero.
The chemical equations describing the process are as
follows:
Anode:
2 Ta
→ 2 Ta5+ + 10 e
2 Ta5+ 10 OH-
→ Ta
2O5 + 5 H2O
Cathode:
10 H
2O – 10 e
→ 5H
2
↑ + 10 OH-
The oxide forms on the surface of the Tantalum but it also
grows into the metal. For each unit of oxide two thirds grows
out and one third grows in. It is for this reason that there is a
limit on the maximum voltage rating of Tantalum capacitors
with present technology powders (see Figure 3).
The dielectric operates under high electrical stress. Consider
a 22µF 25V part:
Formation voltage
=
Formation Ratio x Working Voltage
=
4 x 25
=
100 Volts
Technical Summary and
Application Guidelines
Figure 2. Sintered Tantalum
INTRODUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com