Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 7 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 7 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 3Page - AVX Corporation TAJB335016 Datasheet HTML 4Page - AVX Corporation TAJB335016 Datasheet HTML 5Page - AVX Corporation TAJB335016 Datasheet HTML 6Page - AVX Corporation TAJB335016 Datasheet HTML 7Page - AVX Corporation TAJB335016 Datasheet HTML 8Page - AVX Corporation TAJB335016 Datasheet HTML 9Page - AVX Corporation TAJB335016 Datasheet HTML 10Page - AVX Corporation TAJB335016 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
6
TAJ Series
RATINGS & PART NUMBER REFERENCE
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
2 volt @ 85°C (1.2 volt @ 125°C)
TAJA476*002
A
47
0.9
6
3.0
4 volt @ 85°C (2.5 volt @ 125°C)
TAJA475*004
A
4.7
0.5
6
7.5
TAJA685*004
A
6.8
0.5
6
6.5
TAJA106*004
A
10
0.5
6
6.0
TAJA156*004
A
15
0.6
6
4.0
TAJB156*004
B
15
0.6
6
3.0
TAJA226*004
A
22
0.9
6
3.5
TAJA336*004
A
33
1.3
6
3.0
TAJB336*004
B
33
1.4
6
2.8
TAJB476*004
B
47
1.9
6
2.4
TAJB686*004
B
68
2.7
6
1.8
TAJC686*004
C
68
2.7
6
1.6
TAJB107*004
B
100
4.0
8
1.6
TAJC107*004
C
100
4.0
6
1.3
TAJC227*004
C
220
8.8
8
1.2
TAJD227*004
D
220
8.8
8
0.9
TAJE337*004
E
330
13.2
8
0.9
6.3 volt @ 85°C (4 volt @ 125°C)
TAJA225*006
A
2.2
0.5
6
9.0
TAJA335*006
A
3.3
0.5
6
7.0
TAJA475*006
A
4.7
0.5
6
6.0
TAJA685*006
A
6.8
0.5
6
5.0
TAJB685*006
B
6.8
0.5
6
4.0
TAJA106*006
A
10
0.6
6
4.0
TAJB106*006
B
10
0.6
6
3.0
TAJA156*006
A
15
1.0
6
3.5
TAJB156*006
B
15
1.0
6
2.5
TAJA226*006
A
22
1.4
6
3.0
TAJB226*006
B
22
1.4
6
2.5
TAJC226*006
C
22
1.4
6
2.0
TAJB336*006
B
33
2.1
6
2.2
TAJC336*006
C
33
2.1
6
1.8
TAJB476*006
B
47
3.0
6
2.0
TAJC476*006
C
47
3.0
6
1.6
TAJD476*006
D
47
3.0
6
1.1
TAJB686*006
B
68
4.3
8
1.8
TAJC686*006
C
68
4.3
6
1.6
TAJD686*006
D
68
4.3
6
0.9
TAJC107*006
C
100
6.3
6
1.4
TAJD107*006
D
100
6.3
6
0.9
TAJC157*006
C
150
9.5
6
1.3
TAJD157*006
D
150
9.5
6
0.9
TAJC227*006
C
220
13.9
10
1.2
TAJD227*006
D
220
13.9
8
0.9
TAJE337*006
E
330
20.8
8
0.9
TAJE477*006
E
470
29.6
10
0.9
TAJV477*006
V
470
29.6
8
0.9
AVX
Case
Capacitance
DCL
DF
ESR
Part No.
Size
µF
(µA)
%
max. (
Ω)
Max.
Max.
@ 100 kHz
10 volt @ 85°C (6.3 volt @ 125°C)
TAJA155*010
A
1.5
0.5
6
10.0
TAJA225*010
A
2.2
0.5
6
7.0
TAJA335*010
A
3.3
0.5
6
5.5
TAJA475*010
A
4.7
0.5
6
5.0
TAJB475*010
B
4.7
0.5
6
4.0
TAJA685*010
A
6.8
0.7
6
4.0
TAJB685*010
B
6.8
0.7
6
3.0
TAJA106*010
A
10
1.0
6
3.0
TAJB106*010
B
10
1.0
6
2.5
TAJC106*010
C
10
1.0
6
2.5
TAJA156*010
A
15
1.5
6
3.2
TAJB156*010
B
15
1.5
6
2.8
TAJC156*010
C
15
1.5
6
2.0
TAJB226*010
B
22
2.2
6
2.4
TAJC226*010
C
22
2.2
6
1.8
TAJB336*010
B
33
3.3
6
2.0
TAJC336*010
C
33
3.3
6
1.6
TAJD336*010
D
33
3.3
6
1.1
TAJC476*010
C
47
4.7
6
1.2
TAJD476*010
D
47
4.7
6
0.9
TAJC686*010
C
68
6.8
6
1.3
TAJD686*010
D
68
6.8
6
0.9
TAJC107*010
C
100
10.0
6
1.2
TAJD107*010
D
100
10.0
6
0.9
TAJD157*010
D
150
15.0
8
0.9
TAJE157*010
E
150
15.0
8
0.9
TAJD227*010
D
220
22.0
8
0.9
TAJE227*010
E
220
22.0
8
0.9
TAJD337*010
D
330
33.0
8
0.9
TAJE337*010
E
330
33.0
8
0.9
TAJV337*010
V
330
33.0
8
0.9
TAJE477*010
E
470
47.0
10
0.9
16 volt @ 85°C (10 volt @ 125°C)
TAJA105*016
A
1.0
0.5
4
11.0
TAJA155*016
A
1.5
0.5
6
8.0
TAJA225*016
A
2.2
0.5
6
6.5
TAJB225*016
B
2.2
0.5
6
5.5
TAJA335*016
A
3.3
0.5
6
5.0
TAJB335*016
B
3.3
0.5
6
4.5
TAJA475*016
A
4.7
0.8
6
4.0
TAJB475*016
B
4.7
0.8
6
3.5
TAJA685*016
A
6.8
1.1
6
3.5
TAJB685*016
B
6.8
1.1
6
2.5
TAJC685*016
C
6.8
1.1
6
2.5
TAJB106*016
B
10
1.6
6
2.8
TAJC106*016
C
10
1.6
6
2.0
TAJB156*016
B
15
2.4
6
2.5
TAJC156*016
C
15
2.4
6
1.8
TAJB226*016
B
22
3.5
6
2.3
TAJC226*016
C
22
3.5
6
1.6
TAJD226*016
D
22
3.5
6
1.1
TAJC336*016
C
33
5.3
6
1.5
TAJD336*016
D
33
5.3
6
0.9
TAJC476*016
C
47
7.5
6
1.4
TAJD476*016
D
47
7.5
6
0.9
TAJD686*016
D
68
10.8
6
0.9
TAJD107*016
D
100
16.0
6
0.9
TAJE107*016
E
100
16.0
6
0.9
TAJD157*016
D
150
24.0
6
0.9
TAJV157*016
V
150
24.0
8
0.9
TAJV227*016
V
220
35.2
8
0.9
All technical data relates to an ambient temperature of +25°C measured at
120 Hz, 0.5V RMS unless otherwise stated.
*Insert K for ±10% and M for ±20%.
NOTE: We reserve the right to supply higher specification parts in the same
case size, to the same reliability standards.
For parametric information on development codes, please contact your
local AVX sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com