Electronic Components Datasheet Search
  English  ▼

X  

TAJB335016 Datasheet(PDF) 15 Page - AVX Corporation

Part # TAJB335016
Description  Surface Mount Tantalum Capacitors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJB335016 Datasheet(HTML) 15 Page - AVX Corporation

Back Button TAJB335016 Datasheet HTML 11Page - AVX Corporation TAJB335016 Datasheet HTML 12Page - AVX Corporation TAJB335016 Datasheet HTML 13Page - AVX Corporation TAJB335016 Datasheet HTML 14Page - AVX Corporation TAJB335016 Datasheet HTML 15Page - AVX Corporation TAJB335016 Datasheet HTML 16Page - AVX Corporation TAJB335016 Datasheet HTML 17Page - AVX Corporation TAJB335016 Datasheet HTML 18Page - AVX Corporation TAJB335016 Datasheet HTML 19Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
14
TACmicrochip
The world’s smallest surface mount
Tantalum capacitor, small enough to
create space providing room for ideas
to grow.
TACmicrochip is a major breakthrough
in miniaturization without reduction in
performance.
It offers you the highest energy store
in an 0603 or 0805 case size; enhanced
high frequency operation through unique
ESR performance with temperature and
voltage stability.
CASE DIMENSIONS: millimeters (inches)
Code
EIA
W +0.20 (0.008)
L +0.25 (0.010)
H +0.20 (0.008)
Code
-0.10 (0.004)
-0.15 (0.006)
-0.10 (0.004)
L
0603
0.85 (0.033)
1.6 (0.063)
0.85 (0.033)
R
0805
1.35 (0.053)
2.0 (0.079)
1.35 (0.053)
LW
H
STANDARD CAPACITANCE RANGE
(LETTER DENOTES CASE CODE)
Capacitance
Rated voltage at 85°C
µF
Code
2V
3V
4V
6.3V
10V
0.47
474
L
0.68
684
L
1.0
105
L
L
1.5
155
L
L
L
2.2
225
L
L
LL
3.3
335
LL
LL
R
4.7
475
L
LL
R
6.8
685
LL
R
R
10.0
106
R
R
15.0
156
R
R
22.0
226
R
R
33.0
336
RRR
47.0
476
RR
= Standard Range
= Extended Range
= Development Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com