Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 32Page - Advanced Micro Devices AM79C973 Datasheet HTML 33Page - Advanced Micro Devices AM79C973 Datasheet HTML 34Page - Advanced Micro Devices AM79C973 Datasheet HTML 35Page - Advanced Micro Devices AM79C973 Datasheet HTML 36Page - Advanced Micro Devices AM79C973 Datasheet HTML 37Page - Advanced Micro Devices AM79C973 Datasheet HTML 38Page - Advanced Micro Devices AM79C973 Datasheet HTML 39Page - Advanced Micro Devices AM79C973 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 304 page
background image
36
Am79C973/Am79C975
P R E L I M INARY
Start of Frame Delimiter is driven on RXD[3:0], and
must remain asserted until after the rising edge of
RX_CLK, when the last nibble of the CRC is driven on
RXD[3:0]. RX_DV must then be deasserted prior to the
RX_CLK rising edge which follows this final nibble.
RX_DV transitions are synchronous to RX_CLK rising
edges.
Note: The
RX_DV
pin
is
multiplexed
with
the
EBD4 pin.
External Address Detection Interface
EAR
External Address Reject Low
Input
The incoming frame will be checked against the inter-
nally active address detection mechanisms and the re-
sult of this check will be OR’d with the value on the EAR
pin. The EAR pin is defined as REJECT. The pin value
is OR’d with the internal address detection result to de-
termine if the current frame should be accepted or re-
jected.
The EAR pin must not be left unconnected, it should
be tied to VDD through a 10-k
Ω ±5% resistor.
When RST is active, EAR is an input for NAND tree
testing.
SFBD
Start Frame-Byte Delimiter
Output
An initial rising edge on the SFBD signal indicates that
a start of valid data is present on the RXD[3:0] pins.
SFBD will go high for one nibble time (400 ns when op-
erating at 10 Mbps and 40 ns when operating at 100
Mbps) one RX_CLK period after RX_DV has been as-
serted and RX_ER is deasserted and the detection of
the SFD (Start of Frame Delimiter) of a received frame.
Data on the RXD[3:0] will be the start of the destination
address field. SFBD will subsequently toggle every nib-
ble time (1.25 MHz frequency when operating at 10
Mbps and 12.5 MHz frequency when operating at 100
Mbps) indicating the first nibble of each subsequent
byte of the received nibble stream. The RX_CLK
should be used in conjunction with the SFBD to latch
the correct data for external address matching. SFBD
will be active only during frame reception.
Note: The SFBD pin is multiplexed with the EESK and
LED1 pins.
MIIRXFRTGD
MII Receive Frame Tag Enable
Input
When the EADI is enabled (EADISEL, BCR2, bit 3), the
Receive Frame Tagging is enabled (RXFRTG, CSR7,
bit 14), and the MII Snoop mode is selected, the MIIRX-
FRTGD pin becomes a data input pin for the Receive
Frame Tag. See the Receive Frame Tagging section for
details.
Note: The MIIRXFRTGD pin is multiplexed with the
EEDO and LED3 pins.
MIIRXFRTGE
MII Receive Frame Tag Enable
Input
When the EADI is enabled (EADISEL, BCR2, bit 3), the
Receive Frame Tagging is enabled (RXFRTG, CSR7,
bit 14), and the MII Snoop mode is selected, the MIIRX-
FRTGE pin becomes a data input enable pin for the Re-
ceive Frame Tag. See the Receive Frame Tagging
section for details.
Note: The MIIRXFRTGE pin is multiplexed with the
LED2 pin.
IEEE 1149.1 (1990) Test Access Port
Interface
TCK
Test Clock
Input
TCK is the clock input for the boundary scan test mode
operation. It can operate at a frequency of up to 10
MHz. TCK has an internal pull up resistor.
TDI
Test Data In
Input
TDI is the test data input path to the Am79C973/
Am79C975 controller. The pin has an internal pull up
resistor.
TDO
Test Data Out
Output
TDO is the test data output path from the Am79C973/
Am79C975 controller. The pin is tri-stated when the
JTAG port is inactive.
TMS
Test Mode Select
Input
A serial input bit stream on the TMS pin is used to de-
fine the specific boundary scan test to be executed.
The pin has an internal pull up resistor.
Network Interfaces
TX+, TX-
Serial Transmit Data
MLT-3/PECL
Output
These pins are the 10BASE-T/100BASE-X differential
drivers. For 100BASE-FX, these transmit outputs carry
differential PECL-level NRZI data for direct connection
to an external fiber optic transceiver. They can be
forced to logical 0 (TX+ low, TX- high) by programming
the TX_DISABLE bit (bit 3 of the internal PHY Control/
Status Register, Register 17). For 100BASE-TX, these
pins carry MLT-3 data and are connected to the primary
side of the magnetics module. For 10BASE-T, these



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com