Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 10Page - Advanced Micro Devices AM79C973 Datasheet HTML 11Page - Advanced Micro Devices AM79C973 Datasheet HTML 12Page - Advanced Micro Devices AM79C973 Datasheet HTML 13Page - Advanced Micro Devices AM79C973 Datasheet HTML 14Page - Advanced Micro Devices AM79C973 Datasheet HTML 15Page - Advanced Micro Devices AM79C973 Datasheet HTML 16Page - Advanced Micro Devices AM79C973 Datasheet HTML 17Page - Advanced Micro Devices AM79C973 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 304 page
background image
14
Am79C973/Am79C975
P R E L I M INARY
Figure 49. OnNow Functional Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
Figure 50. Pattern Match RAM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
Figure 51. Address Match Logic . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 205
Figure 52. External Clock Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 231
Figure 53. PMD Interface Timing (PECL) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 232
Figure 54. PMD Interface Timing (MLT-3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 232
Figure 55. 10 Mbps Transmit (TX±) Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . . 233
Figure 56. 10 Mbps Receive (RX±) Timing Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 233
Figure 57. Normal and Tri-State Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 235
Figure 58. CLK Waveform for 5 V Signaling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 236
Figure 59. CLK Waveform for 3.3 V Signaling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 236
Figure 60. Input Setup and Hold Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 236
Figure 61. Output Valid Delay Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 237
Figure 62. Output Tri-state Delay Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 237
Figure 63. EEPROM Read Functional Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 237
Figure 64. Automatic PREAD EEPROM Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 238
Figure 65. JTAG (IEEE 1149.1) TCK Waveform for 5 V Signaling . . . . . . . . . . . . . . . 238
Figure 66. JTAG (IEEE 1149.1) Test Signal Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 239
Figure 67. EBCLK Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240
Figure 68. Expansion Bus Read Timing
240
Figure 69. Expansion Bus Write Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 241
Figure 70. Standard Data Transfer on the Serial Management Interface . . . . . . . . . . 247
Figure 71. Data Transfer with Change in Direction (with wait state) . . . . . . . . . . . . . . 247
Figure 72. Write Byte Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 248
Figure 73. Read Byte Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 248
Figure 74. Block Write Command
249
Figure 75. Block Read Command
250
Figure 76. System Management Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 267
Figure 77. Media Independent Interface
268
Figure 78. Frame Format at the MII Interface Connection . . . . . . . . . . . . . . . . . . . . . 270
Figure 79. MII Receive Frame Tagging . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 273
Figure 80. Transmit Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 279
Figure 81. Receive Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 279
Figure 82. MDC Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 279
Figure 83. Management Data Setup and Hold Timing . . . . . . . . . . . . . . . . . . . . . . . . 280
Figure 84. Management Data Output Valid Delay Timing . . . . . . . . . . . . . . . . . . . . . . 280
Figure 85. Reject Timing - External PHY MII @ 25 MHz . . . . . . . . . . . . . . . . . . . . . . . 281
Figure 86. Reject Timing - External PHY MII @ 2.5 MHz
281
Figure 87. Receive Frame Tag Timing with Media Independent Interface . . . . . . . . . 282
Figure 88. LAPP Timeline . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 287
Figure 89. LAPP 3 Buffer Grouping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 288
Figure 90. LAPP Timeline for Two-Interrupt Method . . . . . . . . . . . . . . . . . . . . . . . . . . 292
Figure 91. LAPP 3 Buffer Grouping for Two-interrupt Method . . . . . . . . . . . . . . . . . . 293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com