Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 37Page - Advanced Micro Devices AM79C973 Datasheet HTML 38Page - Advanced Micro Devices AM79C973 Datasheet HTML 39Page - Advanced Micro Devices AM79C973 Datasheet HTML 40Page - Advanced Micro Devices AM79C973 Datasheet HTML 41Page - Advanced Micro Devices AM79C973 Datasheet HTML 42Page - Advanced Micro Devices AM79C973 Datasheet HTML 43Page - Advanced Micro Devices AM79C973 Datasheet HTML 44Page - Advanced Micro Devices AM79C973 Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 304 page
background image
Am79C973/Am79C975
41
P R E L I M INARY
Am79C973/Am79C975 controllers assert DEVSEL if it
detects an address match and the access is a memory
cycle. DEVSEL is asserted two clock cycles after the
host has asserted FRAME. See Figure 1 and Figure 2.
Figure 1. Slave Configuration Read
The Am79C973/Am79C975 controllers will not assert
DEVSEL if it detects an address match and the PCI
command is not of the correct type. In memory mapped
I/O mode, the Am79C973/Am79C975 controller aliases
all accesses to the I/O resources of the command types
Memory Read Multiple and Memory Read Line to the
basic Memory Read command. All accesses of the type
Memory Write and Invalidate are aliased to the basic
Memory Write command. Eight-bit, 16-bit, and 32-bit
non-burst transactions are supported. The Am79C973/
Am79C975 controllers decode all 32 address lines to
determine which I/O resource is accessed.
The typical number of wait states added to a slave I/O
or memory mapped I/O read or write access on the part
of the Am79C973/Am79C975 controllers are six to sev-
en clock cycles, depending upon the relative phases of
the internal Buffer Management Unit clock and the CLK
signal, since the internal Buffer Management Unit clock
is a divide-by-two version of the CLK signal.
The Am79C973/Am79C975 controllers do not support
burst transfers for access to its I/O resources. When the
host keeps FRAME asserted for a second data phase,
the Am79C973/Am79C975 controllers will disconnect
the transfer.
Figure 2. Slave Configuration Write
The Am79C973/Am79C975 controllers support fast
back-to-back transactions to different targets. This is
indicated by the Fast Back-To-Back Capable bit (PCI
Status register, bit 7), which is hardwired to 1. The
Am79C973/Am79C975 controllers are capable of de-
tecting an I/O or a memory-mapped I/O cycle even when
its address phase immediately follows the data phase
of a transaction to a different target, without any idle
state in-between. There will be no contention on the
DEVSEL,
TRDY,
and STOP
signals, since the
Am79C973/Am79C975 controllers assert DEVSEL on
the second clock after FRAME is asserted (medium tim-
ing) See Figure 3 and Figure 4.
6
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
IDSEL
1
23456
1010
PAR
PAR
PAR
DEVSEL
is sampled
BE
DATA
ADDR
7
21510D-6
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
STOP
IDSEL
1
23456
1011
PAR
PAR
PAR
BE
DATA
ADDR
21510D-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com