Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 92 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 92 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 88Page - Advanced Micro Devices AM79C973 Datasheet HTML 89Page - Advanced Micro Devices AM79C973 Datasheet HTML 90Page - Advanced Micro Devices AM79C973 Datasheet HTML 91Page - Advanced Micro Devices AM79C973 Datasheet HTML 92Page - Advanced Micro Devices AM79C973 Datasheet HTML 93Page - Advanced Micro Devices AM79C973 Datasheet HTML 94Page - Advanced Micro Devices AM79C973 Datasheet HTML 95Page - Advanced Micro Devices AM79C973 Datasheet HTML 96Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 304 page
background image
92
Am79C973/Am79C975
P R E L I M INARY
Am79C975 controller will not react to any access to the
Expansion ROM until both MEMEN (PCI Command reg-
ister, bit 1) and ROMEN (PCI Expansion ROM Base
Address register, bit 0) are set to 1. After the Expansion
ROM is enabled, the Am79C973/Am79C975 controller
will claim all memory read accesses with an address
between ROMBASE and ROMBASE + 1M - 4 (ROM-
BASE, PCI Expansion ROM Base Address register, bits
31-20). The address output to the Expansion ROM is
the offset from the address on the PCI bus to ROM-
BASE. The Am79C973/Am79C975 controller aliases all
accesses to the Expansion ROM of the command types
Memory Read Multiple and Memory Read Line to the
basic Memory Read command.
Figure 41. EPROM Only Configuration for the Expansion Bus (64K EPROM)
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EBWE
EROMCS
A[15:8]
A[7:0]
DQ[7:0]
OE
CS
Am79C973
EPROM
AS_EBOE
21510D-46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com