Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 67 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 67 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 63Page - Advanced Micro Devices AM79C973 Datasheet HTML 64Page - Advanced Micro Devices AM79C973 Datasheet HTML 65Page - Advanced Micro Devices AM79C973 Datasheet HTML 66Page - Advanced Micro Devices AM79C973 Datasheet HTML 67Page - Advanced Micro Devices AM79C973 Datasheet HTML 68Page - Advanced Micro Devices AM79C973 Datasheet HTML 69Page - Advanced Micro Devices AM79C973 Datasheet HTML 70Page - Advanced Micro Devices AM79C973 Datasheet HTML 71Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 304 page
background image
Am79C973/Am79C975
67
P R E L I M INARY
.
Figure 32. 32-Bit Software Model
If RXON is cleared to 0, the Am79C973/Am79C975
controller will never poll RDTE locations.
In order to avoid missing frames, the system should
have at least one RDTE available. To minimize poll ac-
tivity, two RDTEs should be available. In this case, the
poll operation will only consist of the check of the status
of the current TDTE.
A typical transmit poll is the product of the following
conditions:
1. Am79C973/Am79C975 controller does not own the
current TDTE and TXDPOLL = 0 (CSR4, bit 12) and
TXON = 1 (CSR0, bit 4) and
the poll time has elapsed, or
2. Am79C973/Am79C975 controller does not own the
current TDTE and TXDPOLL = 0 and TXON = 1 and
a frame has just been received, or
3. Am79C973/Am79C975 controller does not own the
current TDTE and TXDPOLL = 0 and TXON = 1 and
a frame has just been transmitted.
Setting the TDMD bit of CSR0 will cause the microcode
controller to exit the poll counting code and immedi-
ately perform a polling operation. If RDTE ownership
has not been previously established, then an RDTE
poll will be performed ahead of the TDTE poll. If the mi-
crocode is not executing the poll counting code when
the TDMD bit is set, then the demanded poll of the
TDTE will be delayed until the microcode returns to the
poll counting code.
The user may change the poll time value from the de-
fault of 65,536 clock periods by modifying the value in
the Polling Interval register (CSR47).
Transmit Descriptor Table Entry
If, after a Transmit Descriptor Table Entry (TDTE) ac-
cess, the Am79C973/Am79C975 controller finds that
the OWN bit of that TDTE is not set, the Am79C973/
Am79C975 controller resumes the poll time count and
re-examines the same TDTE at the next expiration of
the poll time count.
If the OWN bit of the TDTE is set, but the Start of
Packet (STP) bit is not set, the Am79C973/Am79C975
controller will immediately request the bus in order to
clear the OWN bit of this descriptor. (This condition
would normally be found following a late collision
(LCOL) or retry (RTRY) error that occurred in the mid-
dle of a transmit frame chain of buffers.) After resetting
Initialization
Block
CSR1
CSR2
RMD
RMD
RMD
RMD
Rcv Descriptor
Ring
N
N
N
N
•
•
•
1st
desc.
start
2nd
desc.
start
RMD
TMD0
TMD1 TMD2 TMD3
Xmt Descriptor
Ring
M
M
M
M
•
•
•
1st
desc.
start
2nd
desc.
start
TMD0
Data
Buffer
N
Data
Buffer
1
Data
Buffer
2
Data
Buffer
M
Data
Buffer
2
Data
Buffer
1
PADR[31:0]
IADR[31:16]
IADR[15:0]
TLE RES RLE RES
MODE
PADR[47:32]
RES
LADRF[31:0]
LADRF[63:32]
RDRA[31:0]
TDRA[31:0]
Rcv
Buffers
Xmt
Buffers
21510D-37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com