Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM79C973 Datasheet HTML 1Page - Advanced Micro Devices AM79C973 Datasheet HTML 2Page - Advanced Micro Devices AM79C973 Datasheet HTML 3Page - Advanced Micro Devices AM79C973 Datasheet HTML 4Page - Advanced Micro Devices AM79C973 Datasheet HTML 5Page - Advanced Micro Devices AM79C973 Datasheet HTML 6Page - Advanced Micro Devices AM79C973 Datasheet HTML 7Page - Advanced Micro Devices AM79C973 Datasheet HTML 8Page - Advanced Micro Devices AM79C973 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 304 page
background image
4
Am79C973/Am79C975
P R E L I M INARY
BLOCK DIAGRAM
CLK
RST
AD[31:0]
C/BE[3:0]
PAR
FRAME
TRDY
IRDY
STOP
IDSEL
DEVSEL
REQ
GNT
PERR
SERR
INTA
PCI Bus
Interface
Unit
Expansion Bus
Interface
Bus
Rcv
FIFO
Bus
Xmt
FIFO
FIFO
Control
Network
Port
Manager
MAC
Rcv
FIFO
12K
SRAM
MAC
Xmt
FIFO
JTAG
Port
Control
OnNow
Power
Management
Unit
802.3
MAC
Core
93C46
EEPROM
Interface
LED
Control
Buffer
Management
Unit
PME
RWU
WUMI
PG
TCK
TMS
TDI
TDO
EBUA_EBA[7:0]
EBDA[15:8]
EBD[7:0]
EROMCS
AS_EBOE
EBWE
EBCLK
Transmit
Block
MII
Interface
MII
Management
MDC
MDIO
Receive
Block
PHY Control
Link
Monitor
Auto
Negotiation
10/100 PHY Core
MLT3
(100 BASE-TX)
PECL
(100 BASE-FX)
10 BASE-T
TX±
SDI±
RX±
XTAL1
XTAL2
LED0
LED1
LED2
LED3
EECS
EESK
EEDI
EEDO
Clock
Reference
MII
EADI
Serial
Management
Interface Unit
MCLOCK
MDATA
MIRQ
RXD[3:0],TXD[3:0]
MDIO
MDC
SFBD
EAR
MIIRXFRTGE
MIIRXFRTGD
VAUXDET
21510D-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com