Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 42Page - Advanced Micro Devices AM79C973 Datasheet HTML 43Page - Advanced Micro Devices AM79C973 Datasheet HTML 44Page - Advanced Micro Devices AM79C973 Datasheet HTML 45Page - Advanced Micro Devices AM79C973 Datasheet HTML 46Page - Advanced Micro Devices AM79C973 Datasheet HTML 47Page - Advanced Micro Devices AM79C973 Datasheet HTML 48Page - Advanced Micro Devices AM79C973 Datasheet HTML 49Page - Advanced Micro Devices AM79C973 Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 304 page
background image
46
Am79C973/Am79C975
P R E L I M INARY
Figure 10. Slave Cycle Data Parity Error Response
Master Bus Interface Unit
The master Bus Interface Unit (BIU) controls the acqui-
sition of the PCI bus and all accesses to the initializa-
tion block, descriptor rings, and the receive and
transmit buffer memory. Table 4 shows the usage of
PCI commands by the Am79C973/Am79C975 control-
ler in master mode.
Bus Acquisition
The Am79C973/Am79C975 microcode will determine
when a DMA transfer should be initiated. The first step
in any Am79C973/Am79C975 bus master transfer is to
acquire ownership of the bus. This task is handled by
synchronous logic within the BIU. Bus ownership is re-
quested with the REQ signal and ownership is granted
by the arbiter through the GNT signal.
Figure 11 shows the Am79C973/Am79C975 controller
bus acquisition. REQ is asserted and the arbiter re-
turns GNT while another bus master is transferring
data. The Am79C973/Am79C975 controller waits until
the bus is idle (FRAME and IRDY deasserted) before it
FRAME
CLK
AD
IRDY
TRDY
C/BE
DEVSEL
PAR
ADDR
CMD
PAR
1
2345678
10
9
DATA
PAR
BE
PERR
21510D-15
Table 4. Master Commands
C[3:0]
Command
Use
0000
Interrupt
Acknowledge
Not used
0001
Special Cycle
Not used
0010
I/O Read
Not used
0011
I/O Write
Not used
0100
Reserved
0101
Reserved
0110
Memory Read
Read of the initialization
block and descriptor
rings
Read of the transmit
buffer in non-burst mode
0111
Memory Write
Write to the descriptor
rings and to the receive
buffer
1000
Reserved
C[3:0]
Command
Use
1001
Reserved
1010
Configuration Read
Not used
1011
Configuration Write
Not used
1100
Memory Read
Multiple
Read of the transmit
buffer in burst mode
1101
Dual Address Cycle Not used
1110
Memory Read Line
Read of the transmit
buffer in burst mode
1111
Memory Write
Invalidate
Not used
Table 4. Master Commands (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com