Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 95 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 95 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 91Page - Advanced Micro Devices AM79C973 Datasheet HTML 92Page - Advanced Micro Devices AM79C973 Datasheet HTML 93Page - Advanced Micro Devices AM79C973 Datasheet HTML 94Page - Advanced Micro Devices AM79C973 Datasheet HTML 95Page - Advanced Micro Devices AM79C973 Datasheet HTML 96Page - Advanced Micro Devices AM79C973 Datasheet HTML 97Page - Advanced Micro Devices AM79C973 Datasheet HTML 98Page - Advanced Micro Devices AM79C973 Datasheet HTML 99Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 304 page
background image
Am79C973/Am79C975
95
P R E L I M INARY
Figure 45. Flash Write from Expansion Bus Data Port
AMD Flash Programming
AMD’s Flash products are programmed on a byte-by-
byte basis. Programming is a four bus cycle operation.
There are two “unlock” write cycles. These are followed
by the program set-up command and data write cycles.
Addresses are latched on the falling edge of EBWE
and the data is latched on the rising edge of EBWE.
The rising edge of EBWE begins programming.
Upon executing the AMD Flash Embedded Program
Algorithm command sequence, the Am79C973/
Am79C975 controller is not required to provide further
controls or timing. The AMD Flash product will compli-
ment EBD[7] during a read of the programmed location
until the programming is complete. The host software
should poll the programmed address until EBD[7]
matches the programmed value.
AMD Flash byte programming is allowed in any se-
quence and across sector boundaries. Note that a data
0 cannot be programmed back to a 1. Only erase oper-
ations can convert zeros to ones. AMD Flash chip
erase is a six-bus cycle operation. There are two unlock
write cycles, followed by writing the set-up command.
Two more unlock cycles are then followed by the chip
erase command. Chip erase does not require the user
to program the device prior to erasure. Upon executing
the AMD Flash Embedded Erase Algorithm command
sequence, the Flash device will program and verify the
entire memory for an all zero data pattern prior to elec-
trical erase. The Am79C973/Am79C975 controller is
not required to provide any controls or timings during
these operations. The automatic erase begins on the
rising edge of the last EBWE pulse in the command se-
quence and terminates when the data on EBD[7] is 1,
at which time the Flash device returns to the read
mode. Polling by the Am79C973/Am79C975 controller
is not required during the erase sequence. The follow-
ing FLASH programming-table excerpt (Table 12)
shows the command sequence for byte programming
and sector/chip erasure on an AMD Flash device. In
the following table, PA and PD stand for programmed
address and programmed data, and SA stands for sec-
tor address.
The Am79C973/Am79C975 controller will support only
a single sector erase per command and not concurrent
sector erasures. The Am79C973/Am79C975 controller
will support most FLASH devices as long as there is no
timing requirement between the completion of com-
mands. The FLASH access time cannot be guaranteed
with the Am79C973/Am79C975 controller access
mechanism. The Am79C973/Am79C975 controller will
also support only Flash devices that do not require data
hold times after write operations. See Table 12.
EBUA_EBA[7:0]
EBD[7:0]
AS_EBOE
EROMCS
EBUA[19:16]
EBDA[15:8]
EBDA[15:8]
EBA[7:0]
CLK
1
2
3
4
5
6
7
8
9
10
11
12
13
EBWE
21510D-50
Table 12. Am29Fxxx Flash Command
Command
Sequence
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Write Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Byte Program
4
5555h
AAh
2AAAh
55H
5555h
A0h
PA
PD
Chip Erase
6
5555h
AAh
2AAAh
55H
5555h
80h
5555h
AAh
2AAAh
55h
5555h
10h
Sector Erase
6
5555h
AAh
2AAAh
55H
5555h
80h
5555h
AAh
2AAAh
55h
SA
3h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com