Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 56Page - Advanced Micro Devices AM79C973 Datasheet HTML 57Page - Advanced Micro Devices AM79C973 Datasheet HTML 58Page - Advanced Micro Devices AM79C973 Datasheet HTML 59Page - Advanced Micro Devices AM79C973 Datasheet HTML 60Page - Advanced Micro Devices AM79C973 Datasheet HTML 61Page - Advanced Micro Devices AM79C973 Datasheet HTML 62Page - Advanced Micro Devices AM79C973 Datasheet HTML 63Page - Advanced Micro Devices AM79C973 Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 304 page
background image
60
Am79C973/Am79C975
P R E L I M INARY
Table 6. Descriptor Write Sequence
FIFO DMA Transfers
Am79C973/Am79C975 microcode will determine when
a FIFO DMA transfer is required. This transfer mode
will be used for transfers of data to and from the
Am79C973/Am79C975 FIFOs. Once the Am79C973/
Am79C975 BIU has been granted bus mastership, it
will perform a series of consecutive transfer cycles be-
fore relinquishing the bus. All transfers within the mas-
ter cycle will be either read or write cycles, and all
transfers will be to contiguous, ascending addresses.
Both non-burst and burst cycles are used, with burst
mode being the preferred mode when the device is
used in a PCI bus application.
Non-Burst FIFO DMA Transfers
In the default mode, the Am79C973/Am79C975 con-
troller uses non-burst transfers to read and write data
when accessing the FIFOs. Each non-burst transfer will
be performed sequentially with the issue of an address
and the transfer of the corresponding data with appro-
priate output signals to indicate selection of the active
data bytes during the transfer.
FRAME will be deasserted after every address phase.
Several factors will affect the length of the bus master-
ship period. The possibilities are as follows:
Bus cycles will continue until the transmit FIFO is filled
to its high threshold (read transfers) or the receive FIFO
is emptied to its low threshold (write transfers). The
exact number of total transfer cycles in the bus master-
ship period is dependent on all of the following vari-
ables: the settings of the FIFO watermarks, the
conditions of the FIFOs, the latency of the system bus
to the Am79C973/Am79C975 controller’s bus request,
the speed of bus operation and bus preemption events.
The TRDY response time of the memory device will
also affect the number of transfers, since the speed of
the accesses will affect the state of the FIFO. During
accesses, the FIFO may be filling or emptying on the
network end. For example, on a receive operation, a
slower TRDY response will allow additional data to ac-
cumulate inside of the FIFO. If the accesses are slow
enough, a complete DWord may become available be-
fore the end of the bus mastership period and, thereby,
increase the number of transfers in that period. The
general rule is that the longer the Bus Grant latency,
the slower the bus transfer operations; the slower the
clock speed, the higher the transmit watermark; or the
higher the receive watermark, the longer the bus mas-
tership period will be.
Note: The PCI Latency Timer is not significant during
non-burst transfers.
SWSTYLE
BCR20[7:0]
BWRITE
BCR18[5]
AD Bus Sequence
0X
Address = XXXX XX04h
Data = MD2[15:0],
MD1[15:0]
Idle
Address = XXXX XX00h
Data = MD1[31:24]
2X
Address = XXXX XX08h
Data = MD2[31:0]
Idle
Address = XXXX XX04h
Data = MD1[31:16]
30
Address = XXXX XX00h
Data = MD2[31:0]
Idle
Address = XXXX XX04h
Data = MD1[31:16]
31
Address = XXXX XX00h
Data = MD2[31:0]
Data = MD1[31:16]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com