Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 34Page - Advanced Micro Devices AM79C973 Datasheet HTML 35Page - Advanced Micro Devices AM79C973 Datasheet HTML 36Page - Advanced Micro Devices AM79C973 Datasheet HTML 37Page - Advanced Micro Devices AM79C973 Datasheet HTML 38Page - Advanced Micro Devices AM79C973 Datasheet HTML 39Page - Advanced Micro Devices AM79C973 Datasheet HTML 40Page - Advanced Micro Devices AM79C973 Datasheet HTML 41Page - Advanced Micro Devices AM79C973 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 304 page
background image
38
Am79C973/Am79C975
P R E L I M INARY
(MRX_DONEM, MTX_DONEM) located in the Com-
mand register.
Note: The SMI interrupt acknowledge does not follow
the SMBus alert protocol, but simply requires clearing
the interrupt bit.
Power Supply
VDDB
I/O Buffer Power (6 Pins)
+3.3 V Power
There are seven power supply pins that are used by the
input/output buffer drivers. All VDDB pins must be con-
nected to a +3.3 V supply.
VDD_PCI
PCI I/O Buffer Power (9 Pins)
+3.3 V Power
There are nine power supply pins that are used by the
PCI input/output buffer drivers (except PME driver). All
VDD_PCI pins must be connected to a +3.3 V supply.
VSSB
I/O Buffer Ground (17 Pins)
Ground
There are 17 ground pins that are used by the input/
output buffer drivers.
VDD
Digital Power (6 Pins)
+3.3 V Power
There are six power supply pins that are used by the in-
ternal digital circuitry. All VDD pins must be connected
to a +3.3 V supply.
VSS
Digital Ground (8 Pins)
Ground
There are eight ground pins that are used by the inter-
nal digital circuitry.
DVDDD, DVDDP
PDX Block Power
+3.3 V Power
These pins supply power to the 100 Mbps Physical
Data Transceiver (PDX) block. They must be con-
nected to a +3.3 V ±5% source. These pins require
careful decoupling to ensure proper device perfor-
mance.
DVDDRX, DVDDTX
I/O Buffer Power
+3.3 V Power
These pins supply power to the MLT-3/PECL/10BASE-
T input/output buffers. They also supply the MLT-3 cir-
cuits (equalizer, etc.) of the network port. They must be
connected to a +3.3 V ±5% source. These pins require
careful decoupling to ensure proper device perfor-
mance.
DVDDA
Analog PLL Power
+3.3 V Power
This pin supplies power to the IREF current reference
circuit and the 10BASE-T analog PLL. They must be
connected to a +3.3 V ±5% source. These pins require
careful decoupling to ensure proper device perfor-
mance.
DVSSX
All Blocks
Ground
These pins are the ground connection for all blocks of
the device except the PDX block. They must be directly
connected to the common external ground plane.
DVSSD, DVSSP
PDX Ground
Ground
These pins are the ground connection for the Physical
Data Transceiver (PDX) block. They must be directly
connected to the common external ground plane.
DVDDCO
Crystal
+3.3 V Power
This pin supplies the power to the Crystal circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com