Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 83 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 83 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 79Page - Advanced Micro Devices AM79C973 Datasheet HTML 80Page - Advanced Micro Devices AM79C973 Datasheet HTML 81Page - Advanced Micro Devices AM79C973 Datasheet HTML 82Page - Advanced Micro Devices AM79C973 Datasheet HTML 83Page - Advanced Micro Devices AM79C973 Datasheet HTML 84Page - Advanced Micro Devices AM79C973 Datasheet HTML 85Page - Advanced Micro Devices AM79C973 Datasheet HTML 86Page - Advanced Micro Devices AM79C973 Datasheet HTML 87Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 304 page
background image
Am79C973/Am79C975
83
P R E L I M INARY
Decoder
The decoder performs the 5B/4B decoding of the re-
ceived code-groups. The five bits of data are decoded
into four bits of nibble data. The decoded nibble is then
forwarded to the PCS Control block to be sent across
the internal MII to the MAC unit. The code-group de-
coding is shown in Table 9.
Table 9. Decoder Code-Group Mapping
PCS Code-Group
Name
RXD[3:0]
Interpretation
1 1 1 1 0
0
0 0 0 0
Data 0
0 1 0 0 1
1
0 0 0 1
Data 1
1 0 1 0 0
2
0 0 1 0
Data 2
1 0 1 0 1
3
0 0 1 1
Data 3
0 1 0 1 0
4
0 1 0 0
Data 4
0 1 0 1 1
5
0 1 0 1
Data 5
0 1 1 1 0
6
0 1 10
Data 6
0 1 1 1 1
7
0 1 1 1
Data 7
1 0 0 1 0
8
1 0 0 0
Data 8
1 0 0 1 1
9
1 0 0 1
Data 9
1 0 1 1 0
A
1 0 1 0
Data A
1 0 1 1 1
B
1 0 1 1
Data B
1 1 0 1 0
C
1 1 0 0
Data C
1 1 0 1 1
D
1 1 0 1
Data D
1 1 1 0 0
E
1 1 1 0
Data E
1 1 1 0 1
F
1 1 1 1
Data F
1 1 1 1 1
I
Undefined
IDLE; used as Inter-Stream fill code
1 1 0 0 0
J
0 1 0 1
Start-of-Stream Delimiter, Part 1 of 2;
always used in pairs with K
1 0 0 0 1
K
0 1 0 1
Start-of-Stream Delimiter, Part 2 of 2;
always used in pairs with J
0 1 1 0 1
T
Undefined
End-of-Stream Delimiter, Part 1 of 2; always
used in pairs with R
0 0 1 1 1
R
Undefined
End-of-Stream Delimiter, Part 2 of 2; always
used in pairs with T
0 0 1 0 0
H
Undefined
Transmit Error; used to force signaling errors
0 0 0 0 0
V
Undefined
Invalid Code
0 0 0 0 1
V
Undefined
Invalid Code
0 0 0 1 0
V
Undefined
Invalid Code
0 0 0 1 1
V
Undefined
Invalid Code
0 0 1 0 1
V
Undefined
Invalid Code
0 0 1 1 0
V
Undefined
Invalid Code
0 1 0 0 0
V
Undefined
Invalid Code
0 1 1 0 0
V
Undefined
Invalid Code
1 0 0 0 0
V
Undefined
Invalid Code
1 1 0 0 1
V
Undefined
Invalid Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com