Electronic Components Datasheet Search
  English  ▼

X  

AM79C973 Datasheet(PDF) 101 Page - Advanced Micro Devices

Part # AM79C973
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C973 Datasheet(HTML) 101 Page - Advanced Micro Devices

Back Button AM79C973 Datasheet HTML 97Page - Advanced Micro Devices AM79C973 Datasheet HTML 98Page - Advanced Micro Devices AM79C973 Datasheet HTML 99Page - Advanced Micro Devices AM79C973 Datasheet HTML 100Page - Advanced Micro Devices AM79C973 Datasheet HTML 101Page - Advanced Micro Devices AM79C973 Datasheet HTML 102Page - Advanced Micro Devices AM79C973 Datasheet HTML 103Page - Advanced Micro Devices AM79C973 Datasheet HTML 104Page - Advanced Micro Devices AM79C973 Datasheet HTML 105Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 304 page
background image
Am79C973/Am79C975
101
P R E L I M INARY
Table 14. Am79C975 EEPROM Map
Note: * Lowest EEPROM address.
Word
Addr.
Byte
Addr.
Most Significant Byte
Byte
Addr.
Least Significant Byte
00h*
01h
2nd byte of the ISO 8802-3 (IEEE/ANSI 802.3)
station physical address for this node
00h
First byte of the ISO 8802-3 (IEEE/ANSI 802.3)
station physical address for this node, where
“first byte” refers to the first byte to appear on
the 802.3 medium
01h
03h
4th byte of the node address
02h
3rd byte of the node address
02h
05h
6th byte of the node address
04h
5th byte of the node address
03h
07h
CSR116[15:8] (OnNow Misc. Config).
06h
CSR116[7:0] (OnNow Misc. Config.)
04h
09h
Hardware ID: must be 11h if compatibility to
AMD drivers is desired
08h
Reserved location: must be 00h
05h
0Bh
User programmable space
0Ah
User programmable space
06h
0Dh
MSB of two-byte checksum, which is the sum of
bytes 00h-0Bh and bytes 0Eh and 0Fh
0Ch
LSB of two-byte checksum, which is the sum of
bytes 00h-0Bh and bytes 0Eh and 0Fh
07h
0Fh
Must be ASCII “W” (57h) if compatibility to AMD
driver software is desired
0Eh
Must be ASCII “W” (57h) if compatibility to AMD
driver software is desired
08h
11h
BCR2[15:8] (Miscellaneous Configuration)
10h
BCR2[7:0] (Miscellaneous Configuration)
09h
13h
BCR4[15:8] (Link Status LED)
12h
BCR4[7:0] (Link Status LED)
0Ah
15h
BCR5[15:8] (LED1 Status)
14h
BCR5[7:0] (LED1 Status)
0Bh
17h
BCR6[15:8] (LED2 Status)
16h
BCR6[7:0] (LED2 Status)
0Ch
19h
BCR7[15:8] (LED3 Status)
18h
BCR7[7:0] (LED3 Status)
0Dh
1Bh
BCR9[15:8] (Full-Duplex Control)
1Ah
BCR9[7:0] (Full-Duplex Control)
0Eh
1Dh
BCR18[15:8] (Burst and Bus Control)
1Ch
BCR18[7:0] (Burst and Bus Control)
0Fh
1Fh
BCR22[15:8] (PCI Latency)
1Eh
BCR22[7:0] (PCI Latency)
10h
21h
BCR23[15:8] (PCI Subsystem Vendor ID)
20h
BCR23[7:0] (PCI Subsystem Vendor ID)
11h
23h
BCR24[15:8] (PCI Subsystem ID)
22h
BCR22[7:0] (PCI Subsystem ID)
12h
25h
BCR25[15:8] (SRAM Size)
24h
BCR25[7:0] (SRAM Size)
13h
27h
BCR26[15:8] (SRAM Boundary)
26h
BCR26[7:0] (SRAM Boundary)
14h
29h
BCR27[15:8] (SRAM Interface Control)
28h
BCR27[7:0] (SRAM Interface Control)
15h
2Bh
BCR32[15:8] (MII Control and Status)
2Ah
BCR32[7:0] (MII Control and Status)
16h
2Dh
BCR33[15:8] (MII Address)
2Ch
BCR33[7:0] (MII Address)
17h
2Fh
BCR35[15:8] (PCI Vendor ID)
2Eh
BCR35[7:0] (PCI Vendor ID)
18h
31h
BCR36[15:8] (Conf. Sp. byte 43h alias)
30h
BCR36[7:0] (Conf. Sp. byte 42h alias)
19h
33h
BCR37[15:8] (DATA_SCALE alias0)
32h
BCR37[7:0] (Conf. Sp. byte 47h0 alias)
1Ah
35h
BCR38[15:8] (DATA_SCALE alias 1)
34h
BCR38[7:0] (Conf. Sp. byte 47h1 alias)
1Bh
37h
BCR39[15:8] (DATA_SCALE alias 2)
36h
BCR39[7:0] (Conf. Sp. byte 47h2 alias)
1Ch
39h
BCR40[15:8] (DATA_SCALE alias 3)
38h
BCR40[7:0] (Conf. Sp. byte 47h3 alias)
1Dh
3Bh
BCR41[15:8] (DATA_SCALE alias 4)
3Ah
BCR41[7:0] (Conf. Sp. byte 47h4 alias)
1Eh
3Dh
BCR42[15:8] (DATA_SCALE alias 5)
3Ch
BCR42[7:0] (Conf. Sp. byte 47h5 alias)
1Fh
3Fh
BCR43[15:8] (DATA_SCALE alias 6)
3Eh
BCR43[7:0] (Conf. Sp. byte 47h6 alias)
20h
41h
BCR44[15:8] (DATA_SCALE alias 7)
40h
BCR44[7:0] (Conf. Sp. byte 47h7 alias)
21h
43h
BCR48[15:8] N_IP_ADR[15:8]
42h
BCR48[7:0] N_IP_ADR[7:0]
22h
45h
BCR49[15:8] N_IP_ADR[31:24]
44h
BCR49[7:0] N_IP_ADR[23:16]
23h
47h
BCR50[15:8] M_IEEE_ADR[15:8]
46h
BCR50[7:0] M_IEEE_ADR[7:0]
24h
49h
BCR51[15:8] M_IEEE_ADR[31:24]
48h
BCR51[7:0] M_IEEE_ADR[23:16]
25h
4Bh
BCR52[15:8] M_IEEE_ADR[47:40]
4Ah
BCR52[7:0] M_IEEE_ADR[39:32]
26h
4Dh
BCR53[15:8] M_IP_ADR[15:8]
4Ch
BCR53[7:0] M_IP_ADR[7:0]
27h
4Fh
BCR54[15:8] M_IP_ADR[31:24]
4Eh
BCR54[7:0] M_IP_ADR[23:16]
28h
51h
Checksum adjust byte for the 82 bytes of the
EEPROM contents, checksum of the 82 bytes of
the EEPROM should total to FFh
50h
BCR55[7:0] SMIU Slave Address
3Eh
7Dh
Reserved for Boot ROM usage
7Ch
Reserved for Boot ROM usage
3Fh
7Fh
Reserved for Boot ROM usage
7Eh
Reserved for Boot ROM usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com