Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 200 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 200 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 196Page - Advanced Micro Devices AM79C975 Datasheet HTML 197Page - Advanced Micro Devices AM79C975 Datasheet HTML 198Page - Advanced Micro Devices AM79C975 Datasheet HTML 199Page - Advanced Micro Devices AM79C975 Datasheet HTML 200Page - Advanced Micro Devices AM79C975 Datasheet HTML 201Page - Advanced Micro Devices AM79C975 Datasheet HTML 202Page - Advanced Micro Devices AM79C975 Datasheet HTML 203Page - Advanced Micro Devices AM79C975 Datasheet HTML 204Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 304 page
background image
200
Am79C973/Am79C975
P R E L I M INARY
ANR16: INTERRUPT Status and Enable Register (Register 16)
The Interrupt bits indicate when there is a change in the
Link Status, Duplex Mode, Auto-Negotiation status, or
Speed status. Register 16 contains the interrupt status
and interrupt enable bits. The status is always updated
whether or not the interrupt enable bits are set. When
an interrupt occurs, the system will need to read the in-
terrupt register to clear the status bits and determine
the course of action needed. See Table 49.
Table 49. ANR16: INTERRUPT Status and Enable Register (Register 16)
Note:
1. All bits, except bit 13, are cleared on read (COR). The register must be read twice to see if it has been cleared.
ANR17: PHY Control/Status Register (Register 17)
This register is used to control the configuration of the
10/100 PHY unit of the Am79C973/Am79C975 device.
See Table 50.
When configuring the device to enable/disable the
scrambler/descrambler (SDISSCR), and/or to enable/
disable the alignment (SDISALIGN), a software reset
after a write operation to the appropriate bits in this reg-
ister is mandatory for proper configuration. If a register
bit is only appropriate to use at one speed, then the
speed will be indicated in parenthesis in the Name col-
umn, for example, (10M).
Bit(s)
Name
Description
Read/
Write
H/W or Soft
Reset
15:14
Reserved
RO
0
13
Interrupt Test Enable
(Note 1)
1 = When this bit is set, setting bits 12:9 of this register
will cause an INTR condition and will set bits 4:1
accordingly. The effect is to test the register bits with
a forced interrupt condition.
0 = Bits 4:1 are only set if the interrupt condition (if any
bits in 12:9 are set) occurs.
R/W
0
12
Link Status Change
Interrupt Enable
1 = Link Status Change
0 = This interrupt is masked.
R/W
0
11
Duplex Mode Change
Interrupt Enable
1 = Duplex Mode Change
0 = This interrupt is masked.
R/W
0
10
Auto-Neg Change
Interrupt Enable
1 = Auto-Neg Change
0 = This interrupt is masked.
R/W
0
9
Speed Change
Interrupt Enable
1 = Speed Change
0 = This interrupt is masked.
R/W
0
8
Global
Interrupt Enable
1= Global Interrupt
0 = This interrupt is masked.
R/W
0
7:5
Reserved
RO
0
4
Link Status Change
Interrupt
1 = Link Status has changed on a port.
0 = No change in Link Status
RO,
LH
0
3
Duplex Mode Change
Interrupt
1 = Duplex Mode has changed on a port
0 = No change in Duplex mode
RO,
LH
0
2
Auto-Neg Change
Interrupt
1 = Auto-Neg status has changed on a port
0 = No change in Auto-Neg status
RO,
LH
0
1
Speed Change
Interrupt
1 = Speed status has changed on a port
0 = No change
RO,
LH
0
0
Global
Interrupt
1 = Indicates a change in status of any of the above
interrupts
0 = Indicates no change in Interrupt Status
RO,
LH
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com