Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 204 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 204 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 200Page - Advanced Micro Devices AM79C975 Datasheet HTML 201Page - Advanced Micro Devices AM79C975 Datasheet HTML 202Page - Advanced Micro Devices AM79C975 Datasheet HTML 203Page - Advanced Micro Devices AM79C975 Datasheet HTML 204Page - Advanced Micro Devices AM79C975 Datasheet HTML 205Page - Advanced Micro Devices AM79C975 Datasheet HTML 206Page - Advanced Micro Devices AM79C975 Datasheet HTML 207Page - Advanced Micro Devices AM79C975 Datasheet HTML 208Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 304 page
background image
204
Am79C973/Am79C975
P R E L I M INARY
RLEN and TLEN
When SSIZE32 (BCR20, bit 8) is set to 0, the software
structures are defined to be 16 bits wide, and the RLEN
and TLEN fields in the initialization block are each three
bits wide. The values in these fields determine the num-
ber of transmit and receive Descriptor Ring Entries
(DRE) which are used in the descriptor rings. Their
meaning is shown in Table 56. If a value other than those
listed in Table 56 is desired, CSR76 and CSR78 can be
written after initialization is complete.
When SSIZE32 (BCR20, bit 8) is set to 1, the software
structures are defined to be 32 bits wide, and the RLEN
and TLEN fields in the initialization block are each 4 bits
wide. The values in these fields determine the number
of transmit and receive Descriptor Ring Entries (DRE)
which are used in the descriptor rings. Their meaning
is shown in Table 57.
If a value other than those listed in Table 57 is desired,
CSR76 and CSR78 can be written after initialization is
complete.
RDRA and TDRA
RDRA and TDRA indicate where the transmit and re-
ceive descriptor rings begin. Each DRE must be located
at a 16-byte address boundary when SSIZE32 is set to
1 (BCR20, bit 8). Each DRE must be located at an 8-
byte address boundary when SSIZE32 is set to 0
(BCR20, bit 8).
LADRF
The Logical Address Filter (LADRF) is a 64-bit mask
that is used to accept incoming Logical Addresses. If
the first bit in the incoming address (as transmitted on
the wire) is a 1, it indicates a logical address. If the first
bit is a 0, it is a physical address and is compared
against the physical address that was loaded through
the initialization block.
A logical address is passed through the CRC generator,
producing a 32-bit result. The high order 6 bits of the
CRC is used to select one of the 64 bit positions in the
Logical Address Filter. If the selected filter bit is set, the
address is accepted and the frame is placed into mem-
ory.
The Logical Address Filter is used in multicast address-
ing schemes. The acceptance of the incoming frame
based on the filter value indicates that the message may
be intended for the node. It is the node’s responsibility
to determine if the message is actually intended for the
node by comparing the destination address of the stored
message with a list of acceptable logical addresses.
Table 55. Initialization Block (SSIZE32 = 1)
Address
Bits
Bits
Bits
Bits
Bits
Bits
Bits
Bits
31-28
27-24
23-20
19-16
15-12
11-8
7-4
3-0
IADR+00h
TLEN
RES
RLEN
RES
MODE
IADR+04h
PADR 31-00
IADR+08h
RES
PADR 47-32
IADR+0Ch
LADRF 31-00
IADR+10h
LADRF 63-32
IADR+14h
RDRA 31-00
IADR+18h
TDRA 31-00
Table 56. R/TLEN Decoding (SSIZE32 = 0)
R/TLEN
Number of DREs
000
1
001
2
010
4
011
8
100
16
101
32
110
64
111
128
Table 57. R/TLEN Decoding (SSIZE32 = 1)
R/TLEN
Number of DREs
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
11XX
512
1X1X
512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com