Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 208 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 208 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 204Page - Advanced Micro Devices AM79C975 Datasheet HTML 205Page - Advanced Micro Devices AM79C975 Datasheet HTML 206Page - Advanced Micro Devices AM79C975 Datasheet HTML 207Page - Advanced Micro Devices AM79C975 Datasheet HTML 208Page - Advanced Micro Devices AM79C975 Datasheet HTML 209Page - Advanced Micro Devices AM79C975 Datasheet HTML 210Page - Advanced Micro Devices AM79C975 Datasheet HTML 211Page - Advanced Micro Devices AM79C975 Datasheet HTML 212Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 304 page
background image
208
Am79C973/Am79C975
P R E L I M INARY
is programmed to use 16-bit soft-
ware structures for the descriptor
ring entries (BCR20, bits 7-0,
SWSTYLE is cleared to 0).
20
BAM
Broadcast Address Match is set
by
the
Am79C973/Am79C975
controller when it accepts the re-
ceived
frame,
because
the
frame’s destination address is of
the type ’Broadcast.’ BAM is valid
only when ENP is set. BAM is set
by
the
Am79C973/Am79C975
controller and cleared by the
host.
This bit does not exist when the
Am79C973/Am79C975 controller
is programmed to use 16-bit soft-
ware structures for the descriptor
ring entries (BCR20, bits 7-0,
SWSTYLE is cleared to 0).
19-16 RES
Reserved locations. These loca-
tions should be read and written
as zeros.
15-12 ONES
These four bits must be written as
ones. They are written by the host
and
unchanged
by
the
Am79C973/Am79C975
control-
ler.
11-0
BCNT
Buffer Byte Count is the length of
the buffer pointed to by this de-
scriptor, expressed as the two’s
complement of the length of the
buffer. This field is written by the
host
and
unchanged
by
the
Am79C973/Am79C975
control-
ler.
RMD2
Bit
Name
Description
31
ZERO
This
field
is
reserved.
The
Am79C973/Am79C975 controller
will write a zero to this location.
30-16 RFRTAG
Receive Frame Tag. Indicates
the Receive Frame Tag applied
from the EADI interface. This field
is user defined and has a default
value of all zeros. When RX-
FRTG (CSR7, bit 14) is set to 0,
RFRTAG will be read as all zeros.
See the section on Receive
Frame Tagging for details.
15-12 ZEROS
This
field
is
reserved.
Am79C973/Am79C975 controller
will write zeros to these locations.
11-0
MCNT
Message Byte Count is the length
in bytes of the received message,
expressed as an unsigned binary
integer. MCNT is valid only when
ERR is clear and ENP is set.
MCNT
is
written
by
the
Am79C973/Am79C975 controller
and cleared by the host.
RMD3
Bit
Name
Description
31-0
US
User Space. Reserved for user
defined space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com