Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 223 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 223 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 219Page - Advanced Micro Devices AM79C975 Datasheet HTML 220Page - Advanced Micro Devices AM79C975 Datasheet HTML 221Page - Advanced Micro Devices AM79C975 Datasheet HTML 222Page - Advanced Micro Devices AM79C975 Datasheet HTML 223Page - Advanced Micro Devices AM79C975 Datasheet HTML 224Page - Advanced Micro Devices AM79C975 Datasheet HTML 225Page - Advanced Micro Devices AM79C975 Datasheet HTML 226Page - Advanced Micro Devices AM79C975 Datasheet HTML 227Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 304 page
background image
Am79C973/Am79C975
223
P R E L I M INARY
Am79C973/Am79C975 Bus Configuration Registers (Concluded)
RAP Addr
Register
Contents
22
PCILAT
PCI Latency (DEFAULT = FF06)
bits [15:8] = MAX_LAT
bits [7:0] = MIN_GNT
25
SRAMSIZE
SRAM Size (DEFAULT = 0000)
bits [7:0] = SRAM_SIZE
26
SRAMBND
SRAM Boundary (DEFAULT = 0000)
bits [7:0] = SRAM_BND
27
SRAMIC
SRAM Interface Control (Default = 0000)
8000PTR TST
4000LOLATRX
bits [5:3] = EBCS, Expansion Bus Clock Source
0000 CLK pin, PCI clock
0008 Time Base Clock
0010 EBCLK pin, Expansion Bus Clock
bits [2:0] = CLK_FAC, Expansion Bus Clock Factor
0000 1/1 clock factor
0001 1/2 clock factor
0002 --
0003 --
28
EPADDRL
Expansion Port Address Lower (Default = 0000)
29
EPADDRU
Expansion Port Address Upper (Default = 0000)
8000
FLASH
4000
LAINC
2000
--
1000
--
0800
--
0400
--
0200
--
0100
--
0080
--
0040
--
0020
--
0010
--
0008
EPADDRU3
0004
EPADDRU2
0002
EPADDRU1
0001
EPADDRU0
30
EBDATA
Expansion Bus Data Port
31
STVAL
Software Timer Interrupt Value (DEFAULT = FFFF)
32
MIICAS
PHY Status and Control (DEFAULT = 0000)
8000
ANTST
4000
MIIPD
2000
FMDC1
1000
FMDC0
0800
APEP
0400
APDW2
0200
APDW1
0100
APDW0
0080
DANAS
0040
XPHYRST
0020
XPHYANE
0010
XPHYFD
0008
XPHYSP
0004
--
0002
MIILP
0001
--
33
MIIADDR
PHY Address (DEFAULT = 0000)
bits [9:5] = PHYAD, Physical Layer Device Address
bits [4:0] = REGAD, Auto-Negotiation Register Address
34
MIIMDR
PHY Data Port
35
PCI Vendor ID PCI Vendor ID Register (DEFAULT = 1022h)
36
PMC Alias
PCI Power Management Capabilities (DEFAULT = 0000)
37
DATA 0
PCI Data Register Zero Alias Register (DEFAULT = 0000)
38
DATA 1
PCI Data Register One Alias Register (DEFAULT = 0000)
39
DATA 2
PCI Data Register Two Alias Register (DEFAULT = 0000)
40
DATA 3
PCI Data Register Three Alias Register (DEFAULT = 0000)
41
DATA 4
PCI Data Register Four Alias Register (DEFAULT = 0000)
42
DATA 5
PCI Data Register Five Alias Register (DEFAULT = 0000)
43
DATA 6
PCI Data Register Six Alias Register (DEFAULT = 0000)
44
DATA 7
PCI Data Register Seven Alias Register (DEFAULT = 0000)
45
PMR 1
OnNow Pattern Matching Register 1
46
PMR 2
OnNow Pattern Matching Register 2
47
PMR 3
OnNow Pattern Matching Register 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com