Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 225 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 225 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 221Page - Advanced Micro Devices AM79C975 Datasheet HTML 222Page - Advanced Micro Devices AM79C975 Datasheet HTML 223Page - Advanced Micro Devices AM79C975 Datasheet HTML 224Page - Advanced Micro Devices AM79C975 Datasheet HTML 225Page - Advanced Micro Devices AM79C975 Datasheet HTML 226Page - Advanced Micro Devices AM79C975 Datasheet HTML 227Page - Advanced Micro Devices AM79C975 Datasheet HTML 228Page - Advanced Micro Devices AM79C975 Datasheet HTML 229Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 304 page
background image
Am79C973/Am79C975
225
P R E L I M INARY
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGES
(unless otherwise specified)
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Digital I/O (Non-PCI Pins)
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
VOL
Output LOW Voltage
IOL1 = 4 mA
IOL2 = 6 mA
IOL3 = 12 mA (Note 1)
0.4
V
VOH
Output HIGH Voltage (Notes 2, 3)
IOH1= -4 mA
IOH2= -2 mA
(Note 3)
2.4
V
IOZ
Output Leakage Current (Note 4)
0 V <VOUT <VDD
-10
10
µA
IIX
Input Leakage Current (Note 5)
0 V <VIN <VDD
-10
10
µA
IIL
Input LOW Current (Note 6)
VIN = 0 V; VDD = 3.6 V
-200
-10
µA
IIH
Input HIGH Current (Note 6)
VIN = 2.7 V; VDD = 3.6 V
-50
10
µA
PCI Bus Interface - 5 V Signaling
VIH
Input HIGH Voltage
2.0
5.5
V
VIL
Input LOW Voltage
-0.5
0.8
V
IOZ
Output Leakage Current (Note 4)
0 V <VIN < VDD_PCI
-10
10
µA
IIL
Input LOW Current
VIN = 0.5 V
--
-70
µA
IIH
Input HIGH Current
VIN = 2.7 V
--
70
µA
IIX_PME
Input Leakage Current (Note 7)
0 V = < VIN < 5.5 V
-1
1
µA
VOH
Output HIGH Voltage (Note 2)
IOH = -2 mA
2.4
V
VOL
Output LOW Voltage
IOL4 = 3 mA
IOL2 = 6 mA (Note 1)
0.55
V
PCI Bus Interface - 3.3 V Signaling
VIH
Input HIGH Voltage
0.5 VDD_PCI
VDD_PCI +
0.5
V
VIL
Input LOW Voltage
-0.5
0.3 VDD_PCI
V
IOZ
Output Leakage Current (Note 4)
0 V < VOUT < VDD_PCI
-10
10
µA
IIL
Input HIGH Current
0 V < VIN < VDD_PCI
-10
10
µA
IIX_PME
Input Leakage Current (Note 7)
0 V = < VIN < 5.5 V
-1
1
µA
VOH
Output HIGH Voltage (Note 2)
IOH = -500 µA
2.4
V
VOL
Output LOW Voltage
IOL = 1500 µA
0.1 VDD_PCI
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com