Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 258 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 258 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 254Page - Advanced Micro Devices AM79C975 Datasheet HTML 255Page - Advanced Micro Devices AM79C975 Datasheet HTML 256Page - Advanced Micro Devices AM79C975 Datasheet HTML 257Page - Advanced Micro Devices AM79C975 Datasheet HTML 258Page - Advanced Micro Devices AM79C975 Datasheet HTML 259Page - Advanced Micro Devices AM79C975 Datasheet HTML 260Page - Advanced Micro Devices AM79C975 Datasheet HTML 261Page - Advanced Micro Devices AM79C975 Datasheet HTML 262Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 304 page
background image
258
Am79C973/Am79C975
P R E L I M INARY
Management Station IEEE Address 4 (MReg
Address 23)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IEEE_ADR[39:32]
Default: 00h Read only, write has no effect.
Byte 4 of the Management Station IEEE Ad-
dress register. The Management Station IEEE
Address is the unique 48-bit address of the
station that is used as the management con-
sole in the network. This register can also be
used as general purpose 8-bit register that is
loaded from the EEPROM.
Management Station IEEE Address 5 (MReg
Address 24)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IEEE_ADR[47:40]
Default: 00h Read only, write has no effect.
Byte 5 (the MSB) of the Management Station
IEEE Address register. The Management Sta-
tion IEEE Address is the unique 48-bit address
of the station that is used as the management
console in the network. This register can also
be used as general purpose 8-bit register that
is loaded from the EEPROM.
Management Station IP Address 0 (MReg Address
25)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IP_ADR[7:0]
Default: 00h Read only, write has no effect.
Byte 0 (the LSB) of the Management Station IP
Address register. The Management Station IP
Address is the 32-bit address used in the IP
protocol header to address the station that
functions as the management console in the
network. This register can also be used as
general purpose 8-bit register that is loaded
from the EEPROM.
Management Station IP Address 1 (MReg Address
26)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IP_ADR[15:8]
Default: 00h Read only, write has no effect.
Byte 1 of the Management Station IP Address
register. The Management Station IP Address
is the 32-bit address used in the IP protocol
header to address the station that functions as
the management console in the network. This
register can also be used as general purpose
8-bit register that is loaded from the EEPROM.
Management Station IP Address 2 (MReg Address
27)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IP_ADR[23:16]
Default: 00h Read only, write has no effect.
Byte 2 of the Management Station IP Address
register. The Management Station IP Address
is the 32-bit address used in the IP protocol
header to address the station that functions as
the management console in the network. This
register can also be used as general purpose
8-bit register that is loaded from the EEPROM.
Management Station IP Address 3 (MReg Address
28)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
M_IP_ADR[31:24]
Default: 00hRead only, write has no effect.
Byte 3 (the MSB) of the Management Station
IP Address register. The Management Station
IP Address is the 32-bit address used in the IP
protocol header to address the station that
functions as the management console in the
network. This register can also be used as
general purpose 8-bit register that is loaded
from the EEPROM.
Device Status Registers
The following registers allow to determine the status of
the Am79C975 device as it relates to the normal mode
of operation (i.e. not related to the Serial Management
Am79C975 Unit).
SMIU Am79C975 Status (MReg Address 29)
This register is a shadow register of some bits in CSR0,
BCR19 and some bits in the PCI PCMCSR register.
Bit No.
Name and Description
7:6
POWERSTATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com