Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 260 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 260 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 256Page - Advanced Micro Devices AM79C975 Datasheet HTML 257Page - Advanced Micro Devices AM79C975 Datasheet HTML 258Page - Advanced Micro Devices AM79C975 Datasheet HTML 259Page - Advanced Micro Devices AM79C975 Datasheet HTML 260Page - Advanced Micro Devices AM79C975 Datasheet HTML 261Page - Advanced Micro Devices AM79C975 Datasheet HTML 262Page - Advanced Micro Devices AM79C975 Datasheet HTML 263Page - Advanced Micro Devices AM79C975 Datasheet HTML 264Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 304 page
background image
260
Am79C973/Am79C975
P R E L I M INARY
SMIU Command Register (MReg Address 31)
Bit No.
Name and Description
7MIRQEN
Default: 0
Read/Write
MIRQEN allows the MIRQ pin to be active if
the interrupt flag MIRQ in the SMIU Interrupt
register is set. If MIRQEN is cleared to 0, the
MIRQ pin will be disabled regardless of the
state of MIRQ. MRIRQEN is cleared by
H_RESET.
6MTX_DONEM
Default: 0
Read/Write
If MTX_DONEM is set to a 1, the MTX_DONE
bit in the SMIU Interrupt register will be
masked and unable to set the MIRQ bit.
MTX_DONEM is cleared by H_RESET.
5MRX_DONEM
Default: 0
Read/Write
If MRX_DONEM is set to a 1, the MRX_DONE
bit in the SMIU Interrupt register will be
masked and unable to set the MIRQ bit.
MRX_DONEM is cleared by H_RESET.
4
RESERVED
Default: 0
Read/Write as ZERO only
Reserved bit. For future use only
3
MLOOP
Default: 0
Read/Write
If MLOOP is set to 0, transmit frames will be
blocked from being received back, in case the
transceiver loops back the data. Setting
MLOOP to 1 enables loopback mode. All data
that is transmitted will be received back, if the
transceiver loop backs the data and the data
passes the acknowledgment frame filter. The
transceiver loopback can be achieved by pro-
gramming the device into loopback mode or by
using an external loopback connector. MLOOP
has no effect., when the Am79C975 controller
is configured for full-duplex operation. Re-
ceives are never blocked in full-duplex mode.
MLOOP is cleared by H_RESET.
2MRX_RPA
Default: 0
Read/Write
When MRX_RPA is set to a 1, the Am79C975
controller will accept runt frames (frames
shorter than 64 bytes) that pass the acknowl-
edgment frame filter. MRX_RPA is cleared by
H_RESET.
1:0
RESERVED
Default: 00
Read/Write as ZERO only
Reserved bits. For future use only
SMIU Interrupt Register (MReg Address 32)
Bit No.
Name and Description
7MIRQ
Default: 0
Read clear, write has no effect.
MIRQ indicates that one of the following inter-
rupt
causing
conditions
has
occurred:
MTX_DONE or MRX_DONE and the associat-
ed mask bit is programmed to allow the event
to cause an interrupt. If the MIRQEN bit in the
SMIU Command register is set to 1 and MIRQ
is set, the MIRQ pin will be active. MIRQ is
cleared by clearing all the active individual in-
terrupt bits that have not been masked out, i.e.
MIRQ will clear after reading the Interrupt reg-
ister. MIRQ is also cleared by H_RESET.
6MTX_DONE
Default: 0
Read clear, write has no effect.
MTX_DONE is set by the Am79C975 control-
ler after an alert frame has been transmitted.
When MTX_DONE is set, the MIRQ pin is as-
serted if MIRQEN is set to a 1 and the mask bit
MTX_DONEM in the SMIU Command register
is 0. MTIRQ is automatically cleared after
reading the Interrupt register. MTX_DONE is
also cleared by H_RESET.
5MRX_DONE
Default: 0
Read clear, write has no effect.
MRX_DONE is set by the Am79C975 control-
ler after an acknowledgment frame has been
received. When MRX_DONE is set, the MIRQ
pin is asserted if MIRQEN is set to a 1 and the
mask bit MRX_DONEM in the SMIU Com-
mand register is 0. MRX_DONE is automati-
cally
cleared
after
reading
the
Interrupt
register. MRX_DONE is also cleared by
H_RESET.
4:0
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com