Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 294 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 294 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 290Page - Advanced Micro Devices AM79C975 Datasheet HTML 291Page - Advanced Micro Devices AM79C975 Datasheet HTML 292Page - Advanced Micro Devices AM79C975 Datasheet HTML 293Page - Advanced Micro Devices AM79C975 Datasheet HTML 294Page - Advanced Micro Devices AM79C975 Datasheet HTML 295Page - Advanced Micro Devices AM79C975 Datasheet HTML 296Page - Advanced Micro Devices AM79C975 Datasheet HTML 297Page - Advanced Micro Devices AM79C975 Datasheet HTML 298Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 304 page
background image
294
Am79C973/Am79C975
P R E L I M INARY
Numerics
10 Mbps Receive (RX±) Timing
Diagram . . . . . . . . . . . . . . . . . . . . . . . . .233
10 Mbps Transmit (TX±) Timing
Diagram . . . . . . . . . . . . . . . . . . . . . . . . .233
10/100 Media Access Control . . . . . . . . . . .70
10/100 PHY Unit Overview . . . . . . . . . . . .79
100BASE-FX (Fiber Interface) . . . . . . . . . .79
100BASE-X Physical Layer . . . . . . . . . . . .79
100BASE-X Transmit and Receive
Data Paths of the Internal PHY . . . . . . . . .81
10BASE-T Block . . . . . . . . . . . . . . . . . . . . .86
10BASE-T Physical Layer . . . . . . . . . . . . . .79
EBDA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
Expansion Bus Data/Address . . . . . . . . . . . .34
16-Bit Software Model . . . . . . . . . . . . . . . .66
C/BE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
RXD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35
TXD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
AD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
32-Bit Software Model . . . . . . . . . . . . . . . .67
EBD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
EBUA_EBA . . . . . . . . . . . . . . . . . . . . . . . . .33
Expansion Bus Data . . . . . . . . . . . . . . . . . . .34
Expansion Bus Upper
Address/ Expansion Bus Address . . . . . . .33
A
Absolute Maximum Ratings . . . . . . .224, 266
Address and Data . . . . . . . . . . . . . . . . . . . . .29
Address Match Logic . . . . . . . . . . . . . . . . .205
Address Matching . . . . . . . . . . . . . . . . . . . .75
Address Parity Error Response . . . . . . . . . .45
Address PROM Space . . . . . . . . . . . . . . . .109
Address Strobe/Expansion Bus
Output Enable . . . . . . . . . . . . . . . . . . . . . .34
Advanced Parity Error Handling . . . . . . . . .56
Alternative Method for Initialization . . . . .283
Am79C972 Bus Configuration
Registers . . . . . . . . . . . . . . . . . . . . . . . . .222
Am79C972 Programmable Registers . . . .220
Am79C973 EEPROM Map . . . . . . . . . . . .100
Am79C975 EEPROM Map . . . . . . . . . . . .101
Am79C975 PIN DESIGNATIONS . . . . . .245
AMD Flash Programming . . . . . . . . . . . . . .95
An Alternative LAPP Flow
Two-Interrupt Method . . . . . . . . . . . . .291
APDW Values . . . . . . . . . . . . . . . . . . . . . .186
APP 3 Buffer Grouping for
Two-interrupt Method . . . . . . . . . . . . . .293
AS_EBOE . . . . . . . . . . . . . . . . . . . . . . . . . .34
Automatic EEPROM Read Operation . . . . .98
Automatic Network Port Selection . . . . . .271
Automatic Network Selection
Exceptions . . . . . . . . . . . . . . . . . . . . . .271
External PHY Auto-Negotiable . . . . . .272
External PHY Not Auto-Negotiable . .271
Force External Reset . . . . . . . . . . . . . .272
Automatic Pad Generation . . . . . . . . . . . . . .74
Automatic Pad Stripping . . . . . . . . . . . . . . .76
Automatic PREAD EEPROM Timing . . .238
Auto-Negotiation . . . . . . . . . . . . . . . . .87, 271
Auto-Negotiation Advertisement
Register (Register 4) . . . . . . . . . . . . . . . .276
Auto-Negotiation Capabilities . . . . . . .88, 271
Auto-Negotiation Link Partner Ability
Register (Register 5) . . . . . . . . . . . . . . . .277
Auto-Poll External PHY Status Polling . . .270
Auxiliary Power . . . . . . . . . . . . . . . . . . . . .102
B
Basic Burst Read Transfer . . . . . . . . . . . . . .47
Basic Burst Write Transfer . . . . . . . . . . . . .49
BASIC FUNCTIONS . . . . . . . . . . . . . . . . .39
Basic Non-Burst Read Transfer . . . . . . . . . .47
Basic Non-Burst Write Transfer . . . . . . . . .49
Basic Operation . . . . . . . . . . . . . . . . . . . . .246
BCR Registers . . . . . . . . . . . . . . . . . .159, 161
BCR0
Master Mode Read Active . . . . . . . . . .157
BCR1
Master Mode Write Active . . . . . . . . .158
BCR16
I/O Base Address Lower . . . . . . . . . . .172
BCR19
EEPROM Control and Status . . . . . . .175
BCR20
Software Style . . . . . . . . . . . . . . . . . . .178
BCR28
Expansion Bus Port Address Lower
(Used for Flash/EPROM and
SRAM Accesses) . . . . . . . . . . . . . .183
INDEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com