Electronic Components Datasheet Search
  English  ▼

X  

AM79C975 Datasheet(PDF) 298 Page - Advanced Micro Devices

Part # AM79C975
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975 Datasheet(HTML) 298 Page - Advanced Micro Devices

Back Button AM79C975 Datasheet HTML 294Page - Advanced Micro Devices AM79C975 Datasheet HTML 295Page - Advanced Micro Devices AM79C975 Datasheet HTML 296Page - Advanced Micro Devices AM79C975 Datasheet HTML 297Page - Advanced Micro Devices AM79C975 Datasheet HTML 298Page - Advanced Micro Devices AM79C975 Datasheet HTML 299Page - Advanced Micro Devices AM79C975 Datasheet HTML 300Page - Advanced Micro Devices AM79C975 Datasheet HTML 301Page - Advanced Micro Devices AM79C975 Datasheet HTML 302Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 304 page
background image
298
Am79C973/Am79C975
P R E L I M INARY
CSR88
Chip ID Register Lower . . . . . . . . . . . .152
CSR89
Chip ID Register Upper . . . . . . . . . . . .153
CSR9
Logical Address Filter 1 . . . . . . . . . . .136
CSR92
Ring Length Conversion . . . . . . . . . . .153
Cycle Frame . . . . . . . . . . . . . . . . . . . . . . . . .29
D
DC CHARACTERISTICS OVER
COMMERCIAL OPERATING
RANGES . . . . . . . . . . . . . . . . . . . .225, 266
Decoder . . . . . . . . . . . . . . . . . . . . . . . . . . . .83
Descriptor DMA Transfers . . . . . . . . . . . . .58
Descriptor Ring Read In Burst Mode . . . . .59
Descriptor Ring Write In Burst Mode . . . . .61
Descriptor Ring Write In
Non-Burst Mode . . . . . . . . . . . . . . . . . . . .61
Descriptor Rings . . . . . . . . . . . . . . . . . . . . .64
Destination Address Handling . . . . . . . . . . .71
DETAILED FUNCTIONS . . . . . . . . . . . . .40
Device . . . . . . . . . . . . . . . . . . . . . . . . . . . .258
Device ID Register . . . . . . . . . . . . . . . . . . .107
Device Select . . . . . . . . . . . . . . . . . . . . . . . .29
DEVSEL . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Digital Ground (8 Pins) . . . . . . . . . . . . . . . .38
Digital I/O (Non-PCI Pins) . . . . . . . . . . . .225
Digital Power (6 Pins) . . . . . . . . . . . . . . . . .38
Direct Access to the Interface . . . . . . . . . . .98
Direct Flash Access . . . . . . . . . . . . . . . . . . .93
Direct SRAM Access . . . . . . . . . . . . . . . . . .96
Disconnect Of Burst Transfer . . . . . . . . . . .44
Disconnect Of Slave Burst Transfer
- Host Inserts Wait States . . . . . . . . . . . . .45
Disconnect Of Slave Burst Transfer
- No Host Wait States . . . . . . . . . . . . . . . .44
Disconnect Of Slave Cycle When Busy . . .44
Disconnect When Busy . . . . . . . . . . . . . . . .44
Disconnect With Data Transfer . . . . . . .50, 51
Disconnect Without Data Transfer . . . .51, 52
DISTINCTIVE CHARACTERISTICS . . . . .1
Double Word I/O Mode . . . . . . . . . . . . . . .110
DVDDA Analog PLL Power . . . . . . . . . . . .38
DVDDCO Crystal . . . . . . . . . . . . . . . . . . . .38
DVDDD, DVDDP PDX Block Power . . . .38
DVDDRX, DVDDTX I/O Buffer Power . . .38
DVSSD, DVSSP PDX Ground . . . . . . . . . .38
DVSSX All Blocks . . . . . . . . . . . . . . . . . . .38
E
EADI Operations . . . . . . . . . . . . . . . . .89, 273
EAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
EBCLK . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
EBCLK Waveform . . . . . . . . . . . . . . . . . .240
EBCS Values . . . . . . . . . . . . . . . . . . . . . . .182
EBWE . . . . . . . . . . . . . . . . . . . . . . . . . . . . .34
EECS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
EEDI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
EEDO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
EEPROM Auto-Detection . . . . . . . . . . . . . .98
EEPROM Chip Select . . . . . . . . . . . . . . . . .33
EEPROM Data In . . . . . . . . . . . . . . . . . . . .33
EEPROM Data Out . . . . . . . . . . . . . . . . . . .33
EEPROM Interface . . . . . . . . . . . . .33, 97, 98
EEPROM MAP . . . . . . . . . . . . . . . . . . . . . .99
EEPROM Read Functional Timing . . . . . .237
EEPROM Serial clock . . . . . . . . . . . . . . . . .33
EEPROM Timing . . . . . . . . . . . . . . . . . . .228
EEPROM-Programmable Registers . . . . . .98
EESK . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33
Encoder . . . . . . . . . . . . . . . . . . . . . . . . . . . .82
EPROM Only Configuration for the
Expansion Bus (64K EPROM) . . . . . . . . .93
EPROM Only Configuration for the
Expansion Bus (64K EPROM) . . . . . . . . .92
EROMCS . . . . . . . . . . . . . . . . . . . . . . . . . . .34
Error Detection . . . . . . . . . . . . . . . . . . . . . .71
escriptor Ring Read In Non-Burst Mode . . .59
Expansion Bus Clock . . . . . . . . . . . . . . . . . .34
Expansion Bus Interface . . . . . . . . . . . .33, 90
Expansion Bus Read Timing . . . . . . . . . . .240
Expansion Bus Write Enable . . . . . . . . . . . .34
Expansion Bus Write Timing . . . . . . . . . .241
Expansion ROM - Boot Device Access . . . .90
Expansion ROM Bus Read Sequence . . . . .94
Expansion ROM Read . . . . . . . . . . . . . . . . .43
Expansion ROM Transfers . . . . . . . . . . . . .43
External Address Detection
Interface . . . . . . . . . . . . . . . . . . .36, 88, 272
External PHY . . . . . . . . . . . . . . . . .89, 273
External PHY - MII @ 2.5 MHz . . . . .229
External PHY - MII @ 25 MHz . . . . .229
MII Snoop Mode and External
PHY Mode . . . . . . . . . . . . . . . . . . . .89
Receive Frame Tagging . . . . . . . . .89, 273



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com