Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 165 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 165 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 160Page - Altera Corporation EP2C8A Datasheet HTML 161Page - Altera Corporation EP2C8A Datasheet HTML 162Page - Altera Corporation EP2C8A Datasheet HTML 163Page - Altera Corporation EP2C8A Datasheet HTML 164Page - Altera Corporation EP2C8A Datasheet HTML 165Page - Altera Corporation EP2C8A Datasheet HTML 166Page - Altera Corporation EP2C8A Datasheet HTML 167Page - Altera Corporation EP2C8A Datasheet HTML 168Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 165 / 168 page
background image
Altera Corporation
5–75
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
February 2007
v3.1
● Added document revision history.
● Added VCCA minimum and maximum limitations in
Table 5–1.
● Updated Note (1) in Table 5–2.
● Updated the maximum VCC rise time for Cyclone II
“A” devices in Table 5–2.
● Updated RCONF information in Table 5–3.
● Changed VI to Ii in Table 5–3.
● Updated LVPECL clock inputs in Note (6) to
Table 5–8.
● Updated Note (1) to Table 5–12.
● Updated CVREF capacitance description in
Table 5–13.
● Updated “Timing Specifications” section.
● Updated Table 5–45.
● Added Table 5–46 with information on toggle rate
derating factors.
● Corrected calculation of the period based on a
640 Mbps data rate as 1562.5 ps in Note (2) to
Table 5–50.
● Updated “PLL Timing Specifications” section.
● Updated VCO range of 300–500 MHz in Note (3) to
Table 5–54.
● Updated chapter with extended temperature
information.
—
December 2005
v2.2
Updated PLL Timing Specifications
—
November 2005
v2.1
Updated technical content throughout.
—
July 2005
v2.0
Updated technical content throughout.
—
November 2004
v1.1
Updated the “Differential I/O Standards” section.
Updated Table 5–54.
—
June 2004
v1.0
Added document to the Cyclone II Device Handbook.
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com