Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 162 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 162 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 158Page - Altera Corporation EP2C8A Datasheet HTML 159Page - Altera Corporation EP2C8A Datasheet HTML 160Page - Altera Corporation EP2C8A Datasheet HTML 161Page - Altera Corporation EP2C8A Datasheet HTML 162Page - Altera Corporation EP2C8A Datasheet HTML 163Page - Altera Corporation EP2C8A Datasheet HTML 164Page - Altera Corporation EP2C8A Datasheet HTML 165Page - Altera Corporation EP2C8A Datasheet HTML 166Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 168 page
background image
5–72
Altera Corporation
Cyclone II Device Handbook, Volume 1
February 2008
Duty Cycle Distortion
For DDIO outputs, you can calculate actual half period from the
following equation:
Actual half period = ideal half period – maximum DCD
For example, if the DDR output I/O standard is SSTL-2 Class II, the
maximum DCD for a –5 device is 155 ps (refer to Table 5–57). If the clock
frequency is 167 MHz, the half-clock period T/2 is:
T/2 = 1/(2* f )= 1 /(2*167 MHz) = 3 ns = 3000 ps
1.5-V
280
280
280
ps
SSTL-2 Class I
150
190
230
ps
SSTL-2 Class II
155
200
230
ps
SSTL-18 Class I
180
240
260
ps
HSTL-18 Class I
180
235
235
ps
HSTL-15 Class I
205
220
220
ps
Differential SSTL-2 Class I
150
190
230
ps
Differential SSTL-2 Class II
155
200
230
ps
Differential SSTL-18 Class I
180
240
260
ps
Differential HSTL-18 Class I
180
235
235
ps
Differential HSTL-15 Class I
205
220
220
ps
LVDS
95
110
120
ps
Simple RSDS
100
155
155
ps
Mini LVDS
95
110
120
ps
PCI
285
305
335
ps
PCI-X
285
305
335
ps
Notes to Table 5–57:
(1)
The DCD specification is characterized using the maximum drive strength
available for each I/O standard.
(2)
Numbers are applicable for commercial, industrial, and automotive devices.
Table 5–57. Maximum for DDIO Output on Row Pins with PLL in the Clock
Path
Notes (1), (2) (Part 2 of 2)
Row Pins with PLL in the Clock Path
C6
C7
C8
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com