Electronic Components Datasheet Search
  English  ▼

X  

EP2C8A Datasheet(PDF) 159 Page - Altera Corporation

Part # EP2C8A
Description  Section I. Cyclone II Device Family Data Sheet
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C8A Datasheet(HTML) 159 Page - Altera Corporation

Back Button EP2C8A Datasheet HTML 155Page - Altera Corporation EP2C8A Datasheet HTML 156Page - Altera Corporation EP2C8A Datasheet HTML 157Page - Altera Corporation EP2C8A Datasheet HTML 158Page - Altera Corporation EP2C8A Datasheet HTML 159Page - Altera Corporation EP2C8A Datasheet HTML 160Page - Altera Corporation EP2C8A Datasheet HTML 161Page - Altera Corporation EP2C8A Datasheet HTML 162Page - Altera Corporation EP2C8A Datasheet HTML 163Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 168 page
background image
Altera Corporation
5–69
February 2008
Cyclone II Device Handbook, Volume 1
DC Characteristics and Timing Specifications
Figure 5–10. DCD Measurement Technique for DDIO (Double-Data Rate) Outputs
When an FPGA PLL generates the internal clock, the PLL output clocks
the IOE block. As the PLL only monitors the positive edge of the reference
clock input and internally re-creates the output clock signal, any DCD
present on the reference clock is filtered out. Therefore, the DCD for a
DDIO output with PLL in the clock path is better than the DCD for a
DDIO output without PLL in the clock path.
Tables 5–55 through 5–58 give the maximum DCD in absolution
derivation for different I/O standards on Cyclone II devices. Examples
are also provided that show how to calculate DCD as a percentage.
DQ
PRN
CLRN
DFF
INPUT
VCC
clk
output
DQ
PRN
CLRN
DFF
VCC
GND
1
0
Table 5–55. Maximum DCD for Single Data Outputs (SDR) on Row I/O
Pins Notes (1), (2) (Part 1 of 2)
Row I/O Output Standard
C6
C7
C8
Unit
LVCMOS
165
230
230
ps
LVTTL
195
255
255
ps
2.5-V
120
120
135
ps
1.8-V
115
115
175
ps
1.5-V
130
130
135
ps
SSTL-2 Class I
60
90
90
ps
SSTL-2 Class II
65
75
75
ps
SSTL-18 Class I
90
165
165
ps
HSTL-15 Class I
145
145
205
ps
HSTL-18 Class I
85
155
155
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com