Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 130 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 130 Page - ams AG

Back Button AS3658 Datasheet HTML 126Page - ams AG AS3658 Datasheet HTML 127Page - ams AG AS3658 Datasheet HTML 128Page - ams AG AS3658 Datasheet HTML 129Page - ams AG AS3658 Datasheet HTML 130Page - ams AG AS3658 Datasheet HTML 131Page - ams AG AS3658 Datasheet HTML 132Page - ams AG AS3658 Datasheet HTML 133Page - ams AG AS3658 Datasheet HTML 134Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
129 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.4
Startup
Figure 56. Startup flow chart
10.4.1 Normal Startup
During a normal reset cycle (e.g. after the battery or a charger is inserted; (see Reset generator and XON-Key on page
118)), after V2_5 is above VPOR and Vsupply is above VRESETRISE a normal startup happens:
The external capacitor on CREF is charged to 1.8V
The 3bit A/D conversion is performed to measure the external resistor value RPROGRAM
Startup State machine reads out the internal Boot-ROM (address defined by boot_ctrl), Start sequence of Step-
Down Converter and LDO’s controlled by the Boot-ROM
Reset-Timer is set by the Boot-ROM
The reset is released when the Reset Timer expires (external pin XRESET)
Power on reset
xon_enable=0
xon_enable=1 and
(chdet=0 or
USBChdet=0)
NO
Charger
detected ?
NO
YES
XON pin pulled
to GND
NO
YES
batsw_on=0
batsw_mode=0
V
BAT>VResVolt?
YES
NO
USB Sup.
detected and
ChDet=0?
NO
batsw_on=1
batsw_mode=1
Switch on
Battery switch
ChEn=1
USB_ChEn=1
YES
YES
Startup Device
V
SUPPLY>VResVolt?
NO
YES
Active state
power_off=1
YES
batsw_on=0
batsw_mode=0
force_reset=1
NO
YES
trickle
Switch on
Switch off
batsw_mode
batsw_on
0
0
1
1
1
X
NO
V
SUPPLY<VResVolt?
NO
YES
YES
batsw_on=0
batsw_mode=0
Reset registers
except
xon_enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com