Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 126 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 126 Page - ams AG

Back Button AS3658 Datasheet HTML 122Page - ams AG AS3658 Datasheet HTML 123Page - ams AG AS3658 Datasheet HTML 124Page - ams AG AS3658 Datasheet HTML 125Page - ams AG AS3658 Datasheet HTML 126Page - ams AG AS3658 Datasheet HTML 127Page - ams AG AS3658 Datasheet HTML 128Page - ams AG AS3658 Datasheet HTML 129Page - ams AG AS3658 Datasheet HTML 130Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 158 page
background image
Table 133. Interrupt Status 3 Register
Addr:52
Interrupt Status3
These bits show the status of the interrupts
register is reset at power-on-reset and after each read access
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
125 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
3
dig1_lv_i
NA
R
Bit is set when voltage of LdoDig1 drops below low
voltage threshold
(1msec debounce timer)
4
dig2_lv_i
NA
R
Bit is set when voltage of LdoDig2 drops below low
voltage threshold
(1msec debounce timer)
5
hphcurr_i
NA
R
Bit is set when output stage of headphone amplifier
exceeds overcurrent limit.
6
bat_temp_i
NA
R
Bit is set when bit bat_hightemp or bat_lowtemp is set
or reset
7
stpup1_i
NA
R
Bit is set when stpup1_oc or stpup1_det is set.
0
dig3_lv_i
NA
R
Bit is set when voltage of LdoDig3 drops below low
voltage threshold
(1msec debounce timer)
1
dig4_lv_i
NA
R
Bit is set when voltage of LdoDig4 drops below low
voltage threshold
(1msec debounce timer)
2
rtc_alarm_i
NA
R
Bit is set by the RTC, if alarm registers=rtc registers
3
rtc_rep_i
NA
R
Bit is set by the RTC every second (Bit irq_min=0) or
minute (Bit irq_min=1)
4
mic_con_i
NA
R
Bit is set if a microphone is detected on MIC input
5
mic_rem_i
NA
R
Bit is set, if the microphone supply is increased
(remote key press detected) -> measure MICS supply
current
6
voxm_i
NA
R
Bit is set, if voice is detected on MIC input
7
tpen_i
NA
R
Bit is set, if the touchpen pendown is detected
Table 134. Interrupt mask 1 Register
Addr:47
Interrupt Mask1
These bits mask the interrupt
Bit
Bit Name
Default
Access
Description
0
chstate_int_mask
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
1
cheoc_int_mask
1b
R/W
0
Interrupt is enabled
1
Interrupt is disabled
Table 132. Interrupt Status 2 Register
Addr:51
Interrupt Status2
These bits show the status of the interrupts
register is reset at power-on-reset and after each read access
Bit
Bit Name
Default
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com