Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 123 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 123 Page - ams AG

Back Button AS3658 Datasheet HTML 119Page - ams AG AS3658 Datasheet HTML 120Page - ams AG AS3658 Datasheet HTML 121Page - ams AG AS3658 Datasheet HTML 122Page - ams AG AS3658 Datasheet HTML 123Page - ams AG AS3658 Datasheet HTML 124Page - ams AG AS3658 Datasheet HTML 125Page - ams AG AS3658 Datasheet HTML 126Page - ams AG AS3658 Datasheet HTML 127Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 158 page
background image
Table 128. Reg standby mode Bit definitions
Addr:129
Reg standby mode
These bits control the on/off function of the regulators during standby
mode
Bit
Bit Name
Default
Access
Description
www.austriamicrosystems.com
Revision 1v13
122 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
6
Reg_low_bias_mode
0
R/W
0
Normal mode
1
The quiescent current of the following
regulators is divided by approx. two: SD1,
SD2, SD3, RF1, RF2, RF3. The current
capability and performance is also reduce in
that mode. (E.g. Use this bit only to reduce
quiescent current, if system and processor is
in a low power mode)
0
ldo_rf1_stby_on
0
R/W
0
RF1 LDO is disabled in standby mode
1
RF1 LDO is enabled in standby mode
1
ldo_rf2_stby_on
0
R/W
0
RF2 LDO is disabled in standby mode
1
RF2 LDO is enabled in standby mode
2
ldo_dig1_stby_on
0
R/W
0
DIG1 LDO is disabled in standby mode
1
DIG1 LDO is enabled in standby mode
3
ldo_dig2_stby_on
0
R/W
0
DIG2 LDO is disabled in standby mode
1
DIG2 LDO is enabled in standby mode
4
sd1_stby_on
0
R/W
0
Step down 1 is disabled in standby mode
1
Step down 1 is enabled in standby mode
5
sd2_stby_on
0
R/W
0
Step down 2 is disabled in standby mode
1
Step down 2 is enabled in standby mode
6
sd3_stby_on
0
R/W
0
Step down 3 is disabled in standby mode
1
Step down 3 is enabled in standby mode
7
cp_stby_on
0
R/W
0
Charge pump is disabled in standby mode
1
Charge pump is enabled in standby mode
Table 127. Internal references Bit definitions
Addr:59
Internal references Bit definitions
These bits control the internal reference mode and internal clk
frequency
Bit
Bit Name
Default
Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com