Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 120 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 120 Page - ams AG

Back Button AS3658 Datasheet HTML 116Page - ams AG AS3658 Datasheet HTML 117Page - ams AG AS3658 Datasheet HTML 118Page - ams AG AS3658 Datasheet HTML 119Page - ams AG AS3658 Datasheet HTML 120Page - ams AG AS3658 Datasheet HTML 121Page - ams AG AS3658 Datasheet HTML 122Page - ams AG AS3658 Datasheet HTML 123Page - ams AG AS3658 Datasheet HTML 124Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
119 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
Voltage detection:
There are two types of voltage dependent resets: VPOR and VXRESET. VPOR monitors the voltage on V2_5 and
VXRESET monitors the voltage on VSUPPLY. The linear regulator for V2_5 is always on and uses the voltage
VCHARGER, VBAT or V_USB as its source.
The pin RESET is only released if V2_5 is above VPOR and VSUPPLY is above VXRESETRISE.
Table 124. Reset Levels
Symbol
Parameter
Min
Typ
Max
Unit
Note
VRESETFALLING is only accepted if the reset condition is longer than VRESETMASK. This guard time is used to avoid a
complete reset of the system in case of short drops of VBAT.
Power off:
To put the chip into ultra low power mode, write ‘1’ into xon_enable and ‘1’ into power_off. The chip stays in power off
mode until the external pin XON is pulled low, the charger is inserted or the level VPOR is touched to start a complete
reset cycle. The bit power_off is automatically cleared by this reset cycle. During power_off state all circuits are shut-off
except the Low Power LDO (V2_5). Thus the current consumption of AS3658 is reduced to less than 15 µA. The digital
part is supplied by V2_5, all other circuits are turned off in this mode, including references and oscillator. Except the
reset control registers all other registers are set to their default value after power-on.
Software forced reset
Writing ‘1’ into the register bit force_reset immediately starts a reset cycle. The bit force_reset is automatically cleared
by this reset.
External triggered reset:
If the pin XRESET is pulled from high to low by an external source (e.g. microprocessor or button) a reset cycle is
started as well.
Overtemperature reset:
The reset cycle can be started by overtemperature conditions. (see Protection Functions on page 134)
Watchdog reset:
If the watchdog is armed (register bit wtdg_on = 1 and wtdg_res_on = 1) and the timer expires it causes a reset. (see
Watchdog on page 135).
VPOR
Overall power on reset
1.5
2.0
2.3
V
Monitor voltage on V2_5; power on
reset for all internal functions
VXRESETRISE
Reset level for Vsupply
rising
ResVol
trise
V
Monitor voltage on Vsupply; rising
level
VXRESETFALLING
Reset level for Vsupply
falling
2.7
V
Monitor voltage on VSupply; falling
level
ResVol
tfall
V
if SupResEn=1 only
VRESETMASK
Mask time for
VXRESETFALLING
2.0
2.5
3.0
ms
Duration for VBAT<VXRESETFALLING
until a reset cycle is started
1
1. VRESET signal is debounced with the specified mask time for rising- and falling slope of VBAT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com