| Electronic Components Datasheet Search |
|
AS3658 Datasheet(PDF) 118 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3658 Datasheet(HTML) 118 Page - ams AG |
|
118 / 158 page ![]() www.austriamicrosystems.com Revision 1v13 117 - 157 AS3658 Data Sheet Confidential - Deta il ed Descri ption - System Functi ons The transmission begins with the START condition, which is generated by the master when the bus is in IDLE state (the bus is free). The device-write address is followed by the word address. After the word address any number of data bytes can be send to the slave. The word address is incriminated internally, in order to write subsequent data bytes on subsequent address locations. For reading data from the slave device, the master has to change the transfer direction. This can be done either with a repeated START condition followed by the device-read address, or simply with a new transmission START followed by the device-read address, when the bus is in IDLE state. The device-read address is always followed by the 1 st register byte transmitted from the slave. In Read-Mode any number of subsequent register bytes can be read from the slave. The word address is incriminated internally. The diagrams below show various read formats available: Figure 53. I 2 C Random-Read: Random-Read and Sequential-Read are combined formats. The repeated START condition is used to change the direction after the data transfer from the master. The word address transfer is initiated with a START condition issued by the master while the bus is idle. The START condition is followed by the device-write address and the word address. In order to change the data direction a repeated START condition is issued on the 1 st SCL pulse after the acknowledge bit of the word address transfer. After the reception of the device-read address, the slave becomes the transmitter. In this state the slave transmits register data located by the previous received word address vector. The master responds to the data byte with a not-acknowledge, and issues a STOP condition on the bus. Figure 54. I 2 C Sequential-Read: Sequential-Read is the extended form of Random-Read, as more than one register-data bytes are transferred subsequently. In difference to the Random-Read, for a sequential read the transferred register-data bytes are responded by an acknowledge from the master. The number of data bytes transferred in one sequence is unlimited (consider the behavior of the word-address counter). To terminate the transmission the master has to send a not- acknowledge following the last data byte and generate the STOP condition subsequently. A S DW A WA A data N P read register WA++ Sr DR WA++ A S DW A WA A data 1 N P Sr DR WA++ … data 2 data n A A read register WA++ |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |