Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 117 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 117 Page - ams AG

Back Button AS3658 Datasheet HTML 113Page - ams AG AS3658 Datasheet HTML 114Page - ams AG AS3658 Datasheet HTML 115Page - ams AG AS3658 Datasheet HTML 116Page - ams AG AS3658 Datasheet HTML 117Page - ams AG AS3658 Datasheet HTML 118Page - ams AG AS3658 Datasheet HTML 119Page - ams AG AS3658 Datasheet HTML 120Page - ams AG AS3658 Datasheet HTML 121Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
116 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10 Detailed Description - System Functions
The system functions consist of the I2C interface, the reset controller, the interrupt controller, startup sequences and
programming, the watchdog, internal references, the ON-key detect and the real time clock module.
10.1
I
2
C Serial Interface
Table 122. I2C SDA,SCL Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
10.1.1 Feature List
Fast-mode capability (max. SCL-frequency is 400 kHzkHz)
7+1-bit addressing mode
60h x 8-bit data registers (word address 0x00 - 0x60)
Write formats: Single-Byte-Write, Page-Write
Read formats: Current-Address-Read, Random-Read, Sequential-Read
SDA input delay and SCL spike filtering by integrated RC-components
10.1.2 Transfer Formats
Figure 51. I
2
C Byte-Write
AS3658 device address write (DW):80h = 10000000b
AS3658 device address read (DR): 81h = 10000001b
Figure 52. I
2
C Page-Write:
Byte-Write and Page-Write are used to write data to the slave.
VIL
SCL,SDA Low Level
input voltage
-0.3
0.4
V
VIH
SCL,SDA High Level
input voltage
1.3
VSUPP
LY
V
S
DW
A
WA
A
reg_data
A P
write register,
WA++
S
START condition after STOP
Sr
repeated START
DW
device address for write
DR
device address for read
WA
word address
Aacknowledge
N
no acknowledge
P
stop condition
white field
slave as receiver
grey field
slave as transmitter
WA++
increment word address internally
S
DW
A
WA
A
reg_data 1
A
A
reg_data 2
write register
WA++
P
A
reg_data n
write register
WA++
write register
WA++
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com