Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 135 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 135 Page - ams AG

Back Button AS3658 Datasheet HTML 131Page - ams AG AS3658 Datasheet HTML 132Page - ams AG AS3658 Datasheet HTML 133Page - ams AG AS3658 Datasheet HTML 134Page - ams AG AS3658 Datasheet HTML 135Page - ams AG AS3658 Datasheet HTML 136Page - ams AG AS3658 Datasheet HTML 137Page - ams AG AS3658 Datasheet HTML 138Page - ams AG AS3658 Datasheet HTML 139Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
134 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.5
Protection Functions
All LDO’s, the DCDC step ups and DCDC step downs have an integrated overcurrent protection. An overtemperature
protection of the chip is also integrated which can be switched on with the serial interface signal temp_pmc_on
(enabled by default; it is not recommended to disable the overtemperture protection). The chip has two signals for the
serial interface: ov_temp_110 and ov_temp_140. The flag ov_temp_110 is automatically reset if the overtemperature
condition is removed, whereas ov_temp_140 has to be reset by the serial interface with the signal rst_ov_temp_140.
If the flag ov_temp_140 is set, an automatic reset of the complete chip is initiated. The flag ov_temp_140 is not
affected by this reset cycle allowing the software to detect the reason for this unexpected shutdown.
Table 154. Overtemperature Detection
Symbol
Parameter
Min
Typ
Max
Unit
Note
Table 155. Overtermperature detection Bit definition
Addr:106
Overtemperature Control
These bits control the startup and are set by factory test
Bit
Bit Name
Default
Access
Description
10.5.1 Temperature Supervision
A temperature sensor is implemented to provide over-temperature protection of the chip. It generates two flags linked
to the two temperature thresholds (110 degrees, 140 degrees). Both thresholds have an hysteresis to prevent
oscillation effects.
First threshold (110 degrees) sets the flag ov_temp_110, signalling the serial interface part and software the 110
degrees overtemperature condition. If enabled (ovtmp_int_mask=0), an interrupt can be send (interrupt ‘ovtmp’). Thus
software can react and can shutdown power consuming functions to decrease temperature.
The second threshold (140 degrees) initiates a reset cycle and sets ov_temp_140: this sets all regulators into power-
down mode and stops charging, and performs the reset cycle of the AS3658.
rst_ov_temp_140 flag
In case of overtemperature and an activated reset (temp_pmc_on=1), the system loses any information about the error
which activated the reset state. Therefore, a flag is implemented, which indicates that the reset was caused by
overtemperature activation (ov_temp_140 is set). This flag is only resetable by writing ‘1’ to rst_ovtemp_140.
T110
ov_temp_110 rising
threshold
95
110
125
ºC
T140
ov_temp_140 rising
threshold
125
140
155
ºC
Thyst
ov_temp_110 and
ov_temp_140
hysteresis
5ºC
0
temp_pmc_on
1
R/W
Switch on / off of temperature supervision; default: on
– all other bits are only valid if set to ‘1’
Leave at 1, do not disable
1
ov_temp_110
NA
R
Flag that the overtemperature threshold 1 (T110) has
been reached
2
ov_temp_140
NA
R
Flag that the overtemperature threshold 2 (T140) has
been reached – this flag is not reset by a
overtemperature caused reset and has to be reset by
rst_ov_temp_140
3
rst_ov_temp_140
0
W
If the overtemperature threshold 2 has been reached,
the flag ov_temp_140 is set and a reset cycle is
started. ov_temp_140 should be reset by writing 1 and
afterward 0 to rst_ov_temp_140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com