Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 136 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 136 Page - ams AG

Back Button AS3658 Datasheet HTML 132Page - ams AG AS3658 Datasheet HTML 133Page - ams AG AS3658 Datasheet HTML 134Page - ams AG AS3658 Datasheet HTML 135Page - ams AG AS3658 Datasheet HTML 136Page - ams AG AS3658 Datasheet HTML 137Page - ams AG AS3658 Datasheet HTML 138Page - ams AG AS3658 Datasheet HTML 139Page - ams AG AS3658 Datasheet HTML 140Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
135 - 157
AS3658
Data Sheet Confidential - Deta il ed Descri ption - System Functi ons
10.6
Watchdog
The purpose of the watchdog is to detect a deadlock of the software. If the watchdog is active, it must receive a
continuous trigger signal within a programmable time window. If there is no signal anymore for a certain time period
from a defined pad or special serial interface bit, it starts either a complete reset cycle or changes the state of an output
pin, which can be used e.g. as an interrupt to the processor.
The watchdog is highly configurable by the following register bits:
The complete block can be switched on by wtdg_on = 1 and off by wtdg_on = 0.
The watchdog time window is defined by the register wtdg_min_timer and wtdg_max_timer.
The trigger signal can be configured by register wtdg_trigger and wtdg_gpio_input. (Pin CURR1-CURR4 (GPIO1-
GPIO4) or register bit)
If the watchdog expires, the system can start automatically a reset cycle if wtdg_reset_on = 1
Table 156. Watchdog Register definitions
Addr:60
Watchdog control
These bits control the watchdog functions
Bit
Bit Name
Default
Access
Description
Table 157. Watchdog minimum timer definitions
Addr:61
Watchdog_min timer
These bits set the watchdog minimum timer
Bit
Bit Name
Default
Access
Description
Table 158. Watchdog max timer definitions
Addr:62
Watchdog_max timer
These bits set the watchdog maximum timer
Bit
Bit Name
Default
Access
Description
Any of the general purpose input / outputs can be configured to output the watchdog signal. The Watchdog delivers
a signal “wtdg_alarm”, which is normal ‘0’ and goes to ‘1’ in the case of a timer-overflow. This signal can be used as
e.g. a reset or interrupt for a processor.
0
wtdg_on
0
R/W
Switches on the complete watchdog
0
watchdog off
1
watchdog enabled
1
wtdg_res_on
1
R/W
If the watchdog expires and wtdg_res_on = 1 a reset
cycle will be started
2
wtdg_trigger
0
R/W
0
Use the register bit wtdg_sw_signal as trigger
signal for the watchdog
1
Use one of the GPIO pins CURR1_GPIO1 …
CURR4_GPIO4 as trigger input for the
watchdog; the actual pin is selected by setting
GPIOXIOSF to 01b(watchdog mode) and
GPIOXMode=010b (GPIO digital input)
(X=1...4)
7:0
Wtdg_min_timer
00h
R/W
Defines the minimum watchdog trigger time
(LSB=7.5ms, range: 0 – 1.9s)
7:0
Wtdg_max_timer
FFh
R/W
Defines the maximum watchdog trigger time
(LSB=7.5ms, range: 7.5ms – 1.9s), do not set to (00)h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com